Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494AP Datasheet(PDF) 4 Page - First Components International

Part # TL494AP
Description  Switchmode Pulse - Width - Modulation Control Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL494AP Datasheet(HTML) 4 Page - First Components International

  TL494AP Datasheet HTML 1Page - First Components International TL494AP Datasheet HTML 2Page - First Components International TL494AP Datasheet HTML 3Page - First Components International TL494AP Datasheet HTML 4Page - First Components International TL494AP Datasheet HTML 5Page - First Components International TL494AP Datasheet HTML 6Page - First Components International TL494AP Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Value
Symbol
Parameter
Test Conditions
Min
Typ
Max
Temperature,
˚С
Unit
VTHP
Input threshold voltage (pin 3)
DCmax=0
VCC=15 V
4.0
4.5
V
II
Input sink current (pin 3)
VCC= 15 V
V(03)= 0.7 V
0.3
0.7
mA
VIO
Input offset voltage
VCC= 15 V
VO(03)= 2.5 V
2
10
mV
IIO
Input offset current
VCC= 15 V
VO(03)= 2.5 V
50
250
nA
IIB
Input bias current
VCC= 15 V
VO(03)= 2.5 V
-0.1
1
µA
VICRL
Low Input common mode
voltage range
VCC= 7÷40 V
--0.3
V
VICRH
High Input common mode
voltage range
VCC= 7÷40 V
Vcc
V
АVOL
Open loop voltage
amplification
∆V0=3 V
VCC= 15 V
VO= 0.5÷ 3.5 V
70
95
dB
fb
Unity-gain bandwidth
VCC= 15 V
350
-20÷+85
kHz
CMRR
Common mode rejection ratio
Vcc=40 V
65
90
25
dB
IOL
Output sink current (pin 3)
VCC= 15 V
V0(03)= 0.7 V
0.3
1.5
mA
IOH
Output source current (pin 3)
VCC= 15 V
V0(03)= 3.5 V
-2
-6.5
mA
IC(off)
Collector off-state current
VCE= VCC= 40 V
2
100
µA
IЕ(off)
Emitter off-state current
VCС= VC= 40 V
VE= 0 V
0.1
-100
µA
VSAT(C)
Collector - Emitter saturation
voltage
(Common-Emitter)
VCС= 15 V
VE= 0 V
V0(03)= 3.0 V
IC= 200 mA
1.1
1.5
-20÷+85
V
1.5
2.5
25
VSAT(Е)
Collector - Emitter saturation
voltage
(Emitter-follower)
VCС=VC= 15 V
IE= - 200 mA
V0(03)= 3.0 V
2.9
-20÷+85
V
IOCH
Output control input current
VCС= 15 V
V0(03)= 0.7 V
0.2
3.5
mA
ICC15
Standby Supply Current at VCC
15V
VCС= 15 V
5.5
10
mA
ICC40
Standby Supply Current at
VCC 40V
VCС= 40 V
7.5
15
25
mA
ICCA
Average Supply Current
VCС= 15 V
V0(03)= 0.7 V
V0(04)= 2.0 V
7.0
17
-20÷+85
mA
TL494AP Switchmode Pulse - Width - Modulation Control Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com