Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494AP Datasheet(PDF) 6 Page - First Components International

Part # TL494AP
Description  Switchmode Pulse - Width - Modulation Control Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL494AP Datasheet(HTML) 6 Page - First Components International

  TL494AP Datasheet HTML 1Page - First Components International TL494AP Datasheet HTML 2Page - First Components International TL494AP Datasheet HTML 3Page - First Components International TL494AP Datasheet HTML 4Page - First Components International TL494AP Datasheet HTML 5Page - First Components International TL494AP Datasheet HTML 6Page - First Components International TL494AP Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Die size Хr=1.9 mm, Уr=1.8 mm (pad size measured in “passivation” layer)
Coordinates of pads
Coordinates left bottom, mm
pad size, mm
No of pad
(in layer
“passivation”)
X
Y
01
0,138
0,510
0,100
×0,100
02
0,138
0,324
0,100
×0,100
03
0,138
0,138
0,100
×0,100
04
0,324
0,138
0,100
×0,100
05
0,793
0,138
0,100
×0,100
06
1,061
0,154
0,100
×0,100
07
1,682
0,223
0,100
×0,100
08
1,661
0,416
0,100
×0,100
09
1,661
0,812
0,100
×0,100
10
1,661
0,994
0,100
×0,100
11
1,661
1,562
0,100
×0,100
12
1,158
1,562
0,100
×0,100
13
0,982
1,562
0,100
×0,100
14
0,799
1,562
0,100
×0,100
15
0,158
1,542
0,100
×0,100
16
0,158
1,356
0,100
×0,100
17*
0,138
1,182
0,070
×0,070
18*
0,138
1,020
0,070
×0,070
19*
0,138
0,858
0,070
×0,070
20*
0,138
0,696
0,070
×0,070
* - not bonding
TL494AP Switchmode Pulse - Width - Modulation Control Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com