Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494AP Datasheet(PDF) 1 Page - First Components International

Part # TL494AP
Description  Switchmode Pulse - Width - Modulation Control Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL494AP Datasheet(HTML) 1 Page - First Components International

  TL494AP Datasheet HTML 1Page - First Components International TL494AP Datasheet HTML 2Page - First Components International TL494AP Datasheet HTML 3Page - First Components International TL494AP Datasheet HTML 4Page - First Components International TL494AP Datasheet HTML 5Page - First Components International TL494AP Datasheet HTML 6Page - First Components International TL494AP Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The TL494AP is a fixed frequency, pulse width modulation control
circuit designed primarily for SWITCHMODE power supply control/
•
• Complete Pulse Width Modulation Control Circuitry
•
• On– Chip Oscillator with Master or Slave Operation
•
• On– Chip Error Amplifiers
•
• On– Chip 5.0 V Reference
•
• Adjustable Deadtime Control
•
• Uncommitted Output Transistors Rated to 500 mA Source or
Sink
•
• Output Control for Push– Pull or Single– Ended Operation
•
• Undervoltage Lockout
PIN ASSIGNMEN
ORDERING INFORMATION
Plastic
TL494
Chip
TA = - 20° ÷ 85° C
LOGIC DIAGRAM
Pin 7 = GND
Pin 12 = VCC
noninv. input
inv. input
feedback
dead time control
C
T
R
T
gnd
collector 1
noninv. input
inv. input
ref. output
output control
Vcc
collector 2
emitter 2
emitter 1
1
2
3
5
6
7
89
10
11
12
14
15
16
5
6
13
8
9
11
10
15
3
7 12 14
16
2
1
4
dead time control
error amp 1
error amp 2
PWM comparator
pulce steering flip
flop
output control
reference
regulator
oscillator
T
&
TL494AP Switchmode Pulse - Width - Modulation Control Circuit


Similar Part No. - TL494AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Texas Instruments
TL494 TI-TL494 Datasheet
210Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494 TI-TL494 Datasheet
449Kb / 17P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Fairchild Semiconductor
TL494 FAIRCHILD-TL494 Datasheet
56Kb / 8P
SMPS Controller
More results

Similar Description - TL494AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
Switchmode Pulse Width Modulation Control Circuit
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
SWITCHMODE Pulse Width Modulation Control Circuit
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
Switchmode Pulse Width Modulation Control Circuits
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
SWITCHMODE Pulse Width Modulation Control Circuit
logo
ON Semiconductor
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com