Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT5 Datasheet(PDF) 6 Page - AZ Displays

Part # PD064VT5
Description  Compatible with VGA-480 , VGA-400 , VGA-350 mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT5 Datasheet(HTML) 6 Page - AZ Displays

Back Button PD064VT5 Datasheet HTML 2Page - AZ Displays PD064VT5 Datasheet HTML 3Page - AZ Displays PD064VT5 Datasheet HTML 4Page - AZ Displays PD064VT5 Datasheet HTML 5Page - AZ Displays PD064VT5 Datasheet HTML 6Page - AZ Displays PD064VT5 Datasheet HTML 7Page - AZ Displays PD064VT5 Datasheet HTML 8Page - AZ Displays PD064VT5 Datasheet HTML 9Page - AZ Displays PD064VT5 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PD064VT5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:6
Note 5-2 : DENB input signal.
If customer wanted to off the DENB mode , you must keep the DENB (pin 27) always
High or Low.
Note 5-3 : VCC TYP.=+5V
Note 5-4 , 5-5 : The definitions of U/D & R/L
R/L(PIN 30)= High , U/D(PIN 31)= Low
R/L(PIN 30)= Low , U/D(PIN 31)= High
6. Absolute Maximum Ratings :
The followings are maximum values , which if exceeded, may cause faulty operation or
damage to the unit.
GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
+5V Supply Voltage
VCC
-0.3
+7.0
V
Input Signals Voltage
Vsig
-0.3
VCC+0.3
V
Note 6-1
Storage Temperature
Tstg
-30
+70
Operating Temperature
Topa
-20
+70
Note 6-2
Note 6-1 : Input signals include CLK , Hsync , Vsync , DENB , R[0:5] , G[0:5] and B[0:5].
Note 6-2 :
Optical characteristics shown in Table 9-1 are measured under Ta=+25℃.
800 tc
DENB
640 tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com