Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT5 Datasheet(PDF) 8 Page - AZ Displays

Part # PD064VT5
Description  Compatible with VGA-480 , VGA-400 , VGA-350 mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT5 Datasheet(HTML) 8 Page - AZ Displays

Back Button PD064VT5 Datasheet HTML 4Page - AZ Displays PD064VT5 Datasheet HTML 5Page - AZ Displays PD064VT5 Datasheet HTML 6Page - AZ Displays PD064VT5 Datasheet HTML 7Page - AZ Displays PD064VT5 Datasheet HTML 8Page - AZ Displays PD064VT5 Datasheet HTML 9Page - AZ Displays PD064VT5 Datasheet HTML 10Page - AZ Displays PD064VT5 Datasheet HTML 11Page - AZ Displays PD064VT5 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PD064VT5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:8
7-4) Input / Output signal timing chart
Parameters
Symbol
Format
Min.
Typ.
Max.
Unit
Note
Fc=1/Tc
All
-
25.175
-
MHz
CLK
Frequency
tc
All
-
40
-
ns
Note 7-7
-
31.778
-
us
Period
Hp
All
-
800
-
tc
Display period
Hd
All
-
640
-
tc
Pulse width
Hpw
All
12
96
139
tc
Back-porch
Hbp
All
12
48
139
tc
Front-porch
Hfp
All
-
16
-
tc
Hpw+Hbp
All
136
144
151
tc
Hsync-CLK
Hhc
All
10
-
Tc-10
ns
Hsync
Vsync-Hsync
Hvh
All
0
0
200
tc
-
16.8
-
ms
480
515
525
800
Hp
-
14.3
-
ms
400
446
449
480
Hp
-
14.3
-
ms
Period
Vp
350
447
449
510
Hp
480
-
480
-
400
-
400
-
Display period
Vdp
350
-
350
-
Hp
Pulse width
Vpw
All
2
2
35
Hp
480
2
33
35
400
2
35
38
Back-porch
Vbp
350
2
60
63
Hp
480
1
10
-
400
1
12
-
Front-porch
Vfp
350
1
37
-
Hp
480
31
35
38
400
33
37
40
Vsync
Vpw+Vbp
350
58
62
65
Hp
CLK-DATA
Dcd
All
10
-
ns
Data
DATA-CLK
Ddc
All
10
-
ns
Horizontal scanning
period
T1
All
780
800
900
tc
Horizontal display
period
T2
All
-
640
-
tc
Vertical display
period
T3
All
-
480
-
T1
DENB
Frame cycling
period
T4
All
515
525
800
T1
Note 7-7 : Tc is the period of sampling clock. In case of low-frequency , the image-flicker may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com