Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT5 Datasheet(PDF) 16 Page - AZ Displays

Part # PD064VT5
Description  Compatible with VGA-480 , VGA-400 , VGA-350 mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT5 Datasheet(HTML) 16 Page - AZ Displays

Back Button PD064VT5 Datasheet HTML 12Page - AZ Displays PD064VT5 Datasheet HTML 13Page - AZ Displays PD064VT5 Datasheet HTML 14Page - AZ Displays PD064VT5 Datasheet HTML 15Page - AZ Displays PD064VT5 Datasheet HTML 16Page - AZ Displays PD064VT5 Datasheet HTML 17Page - AZ Displays PD064VT5 Datasheet HTML 18Page - AZ Displays PD064VT5 Datasheet HTML 19Page - AZ Displays PD064VT5 Datasheet HTML 20Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
PD064VT5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:16
9. Optical Characteristics
9-1) Specification :
Ta=25℃
Parameter
Symbol
Condition
MIN. TYP. MAX. Unit
Remarks
Horizontal
θ
21, θ22
±
45
±
50
-
deg
θ
12
10
15
-
deg
Viewing
Angle
Vertical
θ
11
CR>10
30
35
-
deg
Note 9-1
Contrast Ratio
CR
At optimized
Viewing angle
200
400
-
-
Note 9-2
Rise
Tr
-
15
30
ms
Response time
Fall
Tf
θ
=0°
-
25
50
ms
Note 9-4
Brightness
θ
=0°
350
400
-
cd/㎡
Note 9-3
Transmission Ratio
T
θ
=0°
6.7
7.2
-
%
Uniformity
U
75
80
-
%
Note 9-5
Cross Talk
θ
=0°
-
-
3
%
Note 9-6
x
0.264 0.294 0.324
-
White Chromaticity
y
θ
=0°
0.278 0.308 0.338
-
Note 9-3
Lamp Life Time
-
20,000
-
hr
Note 9-1 : The definitions of viewing angle diagrams :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com