Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD064VT5 Datasheet(PDF) 7 Page - AZ Displays

Part # PD064VT5
Description  Compatible with VGA-480 , VGA-400 , VGA-350 mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT5 Datasheet(HTML) 7 Page - AZ Displays

Back Button PD064VT5 Datasheet HTML 3Page - AZ Displays PD064VT5 Datasheet HTML 4Page - AZ Displays PD064VT5 Datasheet HTML 5Page - AZ Displays PD064VT5 Datasheet HTML 6Page - AZ Displays PD064VT5 Datasheet HTML 7Page - AZ Displays PD064VT5 Datasheet HTML 8Page - AZ Displays PD064VT5 Datasheet HTML 9Page - AZ Displays PD064VT5 Datasheet HTML 10Page - AZ Displays PD064VT5 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PD064VT5
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:7
7. Electrical Characteristics
7-1) Recommended Operating Condition for TFT-LCD panel :
GND = 0V , Ta = 25℃
Parameters
Symbol
Min.
Typ.
Max.
Unit
Remark
+5V Supply Voltage
VCC
+4.75
+5.0
+5.25
V
Supply Input Ripple Voltage
VCCRP
0.1
Vp-p
VCC=+5V
Input Signals Voltage (High)
VIH
+2.6
V
Input Signals Voltage (Low)
VIL
+0.5
V
7-2) Recommended Operating Condition for backlight :
Ta = 25℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Lamp Current
IL
-
6
-
mA
Note 7-1
Lamp Voltage
VL
-
360
-
Vrms
IL=6mA
Lamp frequency
PL
-
40
-
KHz
Note 7-2
Kick-off voltage(25℃)
VS
-
790
-
Vrms
Note 7-3
Note 7-1 : In order to satisfy the quality of B/L , no matter use what kind of inverter , the output
lamp current must between Min. and Max. to avoid the abnormal display image caused
by B/L.
Note 7-2 : The waveform of lamp driving voltage should be as closed to a perfect sine wave as
possible.
Note 7-3 : The Kick-off times≧1sec.
Backlight driving connector : JST BHR-03VS-1 , Pin No. : 3 , Pitch : 4 mm
Pin No
Symbol
Description
Remark
1
VL1
Input terminal (Hi voltage side)
2
NC
No Connection
3
VL2
Input terminal (Low voltage side)
Note 7-4
Note 7-4 : Low voltage side of backlight inverter connects with ground of inverter circuits.
7-3) Power Consumption
Parameters
Symbol
Typ.
Max.
Unit
Remark
+5V
Current Dissipation
ICC
100
120
mA
LCD Panel Power Consumption
0.5
0.6
W
Note 7-5
Backlight Power Consumption
4.32
W
Note 7-6
Note 7-5 : The power consumption of backlight is not included.
Note 7-6 : Backlight lamp power consumption is calculated by IL×VL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com