Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3220MODASM2MONR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 2 Page - Texas Instruments

  CC3220MODASM2MONR Datasheet HTML 1Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 2Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 3Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 4Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 5Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 6Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 7Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 8Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
2
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Module Overview
Copyright © 2017, Texas Instruments Incorporated
– Networking Security
–
HTTPS Server
–
Trusted Root-Certificate Catalog
–
TI Root-of-Trust Public Key
– SW IP Protection
–
Secure Key Storage
–
File System Security
–
Software Tamper Detection
–
Cloning Protection
–
Secure Boot: Validate Integrity and
Authenticity of Runtime Binary During
Boot
– Embedded Network Applications Running on
Dedicated Network Processor
–
HTTP and HTTPS Web Server With
Dynamic User Callbacks
–
mDNS, DNS-SD, and DHCP Servers
–
Ping
– Recovery Mechanism: Can Recover to
Factory Defaults or to Complete Factory
Image
– Wi-Fi TX Power
– 17.0 dBm at 1 DSSS
– 13.5 dBm at 54 OFDM
– Wi-Fi RX Sensitivity
– –95.0 dBm at 1 DSSS
– –73.5 dBm at 54 OFDM
– Application Throughput
– UDP: 16 Mbps
– TCP: 13 Mbps
• Power-Management Subsystem
– Integrated DC/DC Converter With
a Wide-Supply Voltage
– VBAT: 2.3 to 3.6 V
– Advanced Low-Power Modes:
– Shutdown: 1 µA
– Hibernate: 5 µA
– Low-Power Deep Sleep (LPDS): 135 µA
(Measured on CC3220MODS and
CC3220MODSF With 256KB RAM Retention)
– RX Traffic (MCU Active): 59 mA (Measured
on CC3220MODS; CC3220MODSF and
CC3220MODASF Consume an Additional
15 mA) at 54 OFDM
– TX Traffic (MCU Active): 223 mA (Measured
on CC3220MODS; CC3220MODSF and
CC3220MODASF Consume an Additional
15 mA) at 54 OFDM, Maximum Power
– Idle Connected (MCU in LPDS): 710 µA
(Measured on CC3220MODS and
CC3220MODSF With 256KB RAM Retention)
at DTIM = 1
• Additional Integrated Components
– 40.0-MHz Crystal
– 32.768-kHz Crystal (RTC)
– 32-Mbit SPI Serial Flash
– RF Filter and Passive Components
• Footprint Compatible QFM Package
– CC3220MODx: 1.27-mm Pitch,
63-Pin, 20.5-mm × 17.5-mm
– CC3220MODAx: 1.27-mm Pitch,
63-Pin, 20.5-mm × 25.0-mm
• Operating Temperature
– Ambient Temperature Range: –40°C to +85°C
• Module Supports SimpleLink Developer's
Ecosystem
1.2
Applications
Internet-of-Things (IoT) Applications, including:
–
Home and Building Automation
–
Low-Power Video Cameras
–
Thermostats
–
Access Control and Electronic Locks (E-Locks)
–
Asset Tracking and Real Time Location
System (RTLS) Tags
–
Cloud Connectivity
–
Internet Gateway
–
Appliances
–
Security Systems
–
Smart Energy
–
Industrial Control
–
Smart Plug and Metering
–
Wireless Audio
–
IP Network Sensor Nodes
–
Medical Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com