Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3220MODASM2MONR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 42Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 43Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 44Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 45Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 46Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 47Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 48Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 49Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
T2
T6
T7
T9
CLK
MISO
MOSI
T8
46
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Specifications
Copyright © 2017, Texas Instruments Incorporated
(1)
Timing parameter assumes a maximum load of 20 pF.
5.14.5 Peripherals Timing
This section describes the peripherals that are supported by the CC3220MODx and CC3220MODAx
modules, as follows:
•
SPI
•
I2S
•
GPIOs
•
I2C
•
IEEE 1149.1 JTAG
•
ADC
•
Camera parallel port
•
External Flash
•
UART
•
SD Host
•
Timers
5.14.5.1 SPI
5.14.5.1.1 SPI Master
The CC3220MODx and CC3220MODAx microcontroller includes one SPI module, which can be
configured as a master or slave device. The SPI includes a serial clock with programmable frequency,
polarity, and phase; a programmable timing control between chip select and external clock generation;
and a programmable delay before the first SPI word is transmitted. Slave mode does not include a dead
cycle between two successive words.
Figure 5-8 shows the timing diagram for the SPI master.
Figure 5-8. SPI Master Timing Diagram
Table 5-4 lists the timing parameters for the SPI master.
Table 5-4. SPI Master Timing Parameters
ITEM
NAME
DESCRIPTION
MIN
MAX
UNIT
F(1)
Clock frequency
20
MHz
T2
Tclk
(1)
Clock period
50
ns
D(1)
Duty cycle
45%
55%
T6
tIS
(1)
RX data setup time
1
ns
T7
tIH
(1)
RX data hold time
2
ns
T8
tOD
(1)
TX data output delay
8.5
ns
T9
tOH
(1)
TX data hold time
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com