Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3220MODASM2MONR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 28Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 29Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 30Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 31Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 32Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 33Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 34Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 35Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
Copyright © 2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
32
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
NOTE
The ADC inputs are tolerant up to 1.8 V (see Section 5.14.5.6 for further details on the useable range of the ADC). The digital pads can tolerate
up to 3.6 V. Hence, take care to prevent accidental damage to the ADC inputs. TI recommends first disabling the output buffers of the digital I/Os
corresponding to the desired ADC channel (that is, converted to Hi-Z state), and thereafter disabling the respective pass switches (S7 [Pin 47],
S8 [Pin 48], S9 [Pin 49], and S10 [Pin 50]). For more information, see Drive Strength and Reset States for Analog-Digital Multiplexed Pins.
4.5
Drive Strength and Reset States for Analog-Digital Multiplexed Pins
Table 4-5 describes the use, drive strength, and default state of analog- and digital-multiplexed pins at first-time power up and reset (nRESET
pulled low).
Table 4-5. Drive Strength and Reset States for Analog-Digital Multiplexed Pins
PIN
BOARD LEVEL CONFIGURATION AND USE
DEFAULT STATE AT FIRST POWER UP OR
FORCED RESET
STATE AFTER CONFIGURATION OF ANALOG
SWITCHES (ACTIVE, LPDS, and HIB POWER
MODES)
MAXIMUM
EFFECTIVE DRIVE
STRENGTH (mA)
25
Connected to the enable pin of the RF switch
(ANT_SEL1). Other use is not recommended.
Analog is isolated. The digital I/O cell is also
isolated.
Determined by the I/O state, as are other digital
I/Os.
4
26
Connected to the enable pin of the RF switch
(ANT_SEL2). Other use is not recommended.
Analog is isolated. The digital I/O cell is also
isolated.
Determined by the I/O state, as are other digital
I/Os.
4
44
Generic I/O
Analog is isolated. The digital I/O cell is also
isolated.
Determined by the I/O state, as are other digital
I/Os.
4
42
Generic I/O
Analog is isolated. The digital I/O cell is also
isolated.
Determined by the I/O state, as are other digital
I/Os.
4
47
Analog signal (1.8-V absolute, 1.46-V full scale)
ADC is isolated. The digital I/O cell is also
isolated.
Determined by the I/O state, as are other digital
I/Os.
4
48
Analog signal (1.8-V absolute, 1.46-V full scale)
ADC is isolated. The digital I/O cell is also
isolated.
Determined by the I/O state, as are other digital
I/Os.
4
49
Analog signal (1.8-V absolute, 1.46-V full scale)
ADC is isolated. The digital I/O cell is also
isolated.
Determined by the I/O state, as are other digital
I/Os.
4
50
Analog signal (1.8-V absolute, 1.46-V full scale)
ADC is isolated. The digital I/O cell is also
isolated.
Determined by the I/O state, as are other digital
I/Os.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com