Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3220MODASM2MONR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 4 Page - Texas Instruments

  CC3220MODASM2MONR Datasheet HTML 1Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 2Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 3Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 4Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 5Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 6Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 7Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 8Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
CC3x20
WRF
F
BGN
RF_ANT1
User GPIOs
32-Mbit
SFlash
External SPI
Programming
40 MHz
32.768 kHz
UART
SPI
nReset
PM
2.3 V to 3.6 V
VBAT
Copyright © 2017, Texas Instruments Incorporated
4
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Module Overview
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information, see Section 10.
The CC3220MODx and CC3220MODAx devices are a part of the SimpleLink MCU platform, which
consists of Wi-Fi, Bluetooth® low energy, Sub-1 GHz, and host MCUs. All share a common, easy-to-use
development environment with a single core software development kit (SDK) and rich tool set. A one-time
integration of the SimpleLink platform lets you add any combination of devices from the portfolio into your
design. The ultimate goal of the SimpleLink platform is to achieve 100 percent code reuse when your
design requirements change.
The CC3220MODx and CC3220MODAx module family is a complete platform solution including software,
sample applications, tools, user and programming guides, reference designs, and the E2E™ online
community. The module family is also part of the SimpleLink MCU portfolio and supports the SimpleLink
developers ecosystem. For more information, visit www.ti.com/simplelink.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC3220MODSM2MOBR
QFM (63)
20.50 mm × 17.50 mm
CC3220MODSF12MOBR
QFM (63)
20.50 mm × 17.50 mm
CC3220MODASM2MONR
QFM (63)
25.50 mm × 20.50 mm
CC3220MODASF12MONR
QFM (63)
25.50 mm × 20.50 mm
1.4
Functional Block Diagrams
Figure 1-1 shows the functional block diagram of the CC3220MODx module.
Figure 1-1. CC3220MODx Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com