Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8901 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8901
Description  35V Gate Pulse Modulator for LCD Panels
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8901 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8901 Datasheet HTML 2Page - Richtek Technology Corporation RT8901 Datasheet HTML 3Page - Richtek Technology Corporation RT8901 Datasheet HTML 4Page - Richtek Technology Corporation RT8901 Datasheet HTML 5Page - Richtek Technology Corporation RT8901 Datasheet HTML 6Page - Richtek Technology Corporation RT8901 Datasheet HTML 7Page - Richtek Technology Corporation RT8901 Datasheet HTML 8Page - Richtek Technology Corporation RT8901 Datasheet HTML 9Page - Richtek Technology Corporation RT8901 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT8901
7
DS8901-03 October 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Mode C VGHM Propagation Delay
Time (100ns/Div)
VVGHM
(10V/Div)
VVFLK
(2V/Div)
VVGH = 30V, VCD = 3.3V
VVFLK = 3V to 0V
Mode A VGHM Propagation Delay
Time (25
μs/Div)
VVGHM
(10V/Div)
VVFLK
(2V/Div)
VVGH = 30V, VCD = 5V
VVFLK = 0V to 3V
Mode A VGHM Propagation Delay
Time (50ns/Div)
VVGHM
(10V/Div)
VVFLK
(2V/Div)
VVGH = 30V, VCD = 5V
VVFLK = 3V to 0V
Mode C VGHM Propagation Delay
Time (25ns/Div)
VVGHM
(10V/Div)
VVFLK
(2V/Div)
VVGH = 30V, VCD = 3.3V
VVFLK = 0V to 3V
VGHM Start Waveform
Time (25
μs/Div)
VVGHM
(10V/Div)
VVFLK
(2V/Div)
VVDPM
(5V/Div)
VVGH = 0V to 30V, VCD = 5V
VVD = 0V, fVFLK = 50kHz
VGHM Falling Regulation Voltage
Time (2.5
μs/Div)
VVGHM
(10V/Div)
VVFLK
(2V/Div)
VVGH = 30V, VCD = 5V
VVD = 1.6V, fVFLK = 50kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com