Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8901 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8901
Description  35V Gate Pulse Modulator for LCD Panels
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8901 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8901 Datasheet HTML 1Page - Richtek Technology Corporation RT8901 Datasheet HTML 2Page - Richtek Technology Corporation RT8901 Datasheet HTML 3Page - Richtek Technology Corporation RT8901 Datasheet HTML 4Page - Richtek Technology Corporation RT8901 Datasheet HTML 5Page - Richtek Technology Corporation RT8901 Datasheet HTML 6Page - Richtek Technology Corporation RT8901 Datasheet HTML 7Page - Richtek Technology Corporation RT8901 Datasheet HTML 8Page - Richtek Technology Corporation RT8901 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT8901
2
DS8901-03 October 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Timing Diagram
Figure 3. Timing Sequence of Mode A
Figure 4. Timing Sequence of Mode B
Figure 5. Timing Sequence of Mode C
VDPM
VREF
VFLK
VGHM
Duty is controlled by VFLK
Discharging Time
is controlled by R1
CD
VCD = 5V
10VD
VGH
0V
High
0V
Low
VGH
VDPM
VGH
VREF
VFLK
VGHM
Duty is controlled by VFLK and C4
CD
0.9VDD
10VD
VREF
0V
0V
VGH
Discharging Time
is controlled by R1
VDPM
VREF
VFLK
VGHM
Duty is controlled by VFLK
CD
VCD = 3.3V
10VD
VGH
0V
High
0V
Low
VGH
Discharging Time
is controlled by R1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com