Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8901 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8901
Description  35V Gate Pulse Modulator for LCD Panels
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8901 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8901 Datasheet HTML 1Page - Richtek Technology Corporation RT8901 Datasheet HTML 2Page - Richtek Technology Corporation RT8901 Datasheet HTML 3Page - Richtek Technology Corporation RT8901 Datasheet HTML 4Page - Richtek Technology Corporation RT8901 Datasheet HTML 5Page - Richtek Technology Corporation RT8901 Datasheet HTML 6Page - Richtek Technology Corporation RT8901 Datasheet HTML 7Page - Richtek Technology Corporation RT8901 Datasheet HTML 8Page - Richtek Technology Corporation RT8901 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT8901
3
DS8901-03 October 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
VGH
Power Supply Input.
2
VGHM
Switch output directly drives the power supply of Gate Driver IC.
3
RE
Source of the internal high-voltage MOSFET P2 connect to a resistor from this pin
to ground.
4
CD
VGHM Discharging Delay Input. For mode selection and VGHM discharging delay
time setting.
5
VD
VGHM Low-Level Regulation Set-Point Input. The voltage level is 10VD.
6
VDPM
High-Voltage Switch Delay Input. Connect a capacitor from VDPM to GND to set
the delay time. The internal current source is 5μA.
7
GND
Ground.
8
VFLK
Control Signal Input Pin. VFLK is produced from timing controller in LCD module.
Functional Pin Description
Logic
Control
Circuit
Regulator
-
+
9R
R
+
-
+
-
VDD
VDD
50µA
5µA
VGH
VGHM
RE
VD
GND
VFLK
VDPM
CD
VDD
VREF
P1
P2
Q3
CDO



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com