Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8901 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8901
Description  35V Gate Pulse Modulator for LCD Panels
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8901 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8901 Datasheet HTML 1Page - Richtek Technology Corporation RT8901 Datasheet HTML 2Page - Richtek Technology Corporation RT8901 Datasheet HTML 3Page - Richtek Technology Corporation RT8901 Datasheet HTML 4Page - Richtek Technology Corporation RT8901 Datasheet HTML 5Page - Richtek Technology Corporation RT8901 Datasheet HTML 6Page - Richtek Technology Corporation RT8901 Datasheet HTML 7Page - Richtek Technology Corporation RT8901 Datasheet HTML 8Page - Richtek Technology Corporation RT8901 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RT8901
®
DS8901-03 October 2013
www.richtek.com
1
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
35V Gate Pulse Modulator for LCD Panels
General Description
The Gate Pulse Modulator (GPM) is specially designed
for the application of gate driver in TFT LCD panels. The
GPM is controlled by frame signals from timing controller
to modulate the Gate-On voltage that acts a flicker
compensation circuit to reduce the coupling effect between
gate lines and pixels. It also can delay the Gate-On voltage
while power-on for achieving a correct power-on-sequence
for gate driver ICs. Both of the delay time for flicker
compensation and power-on-sequence are programmable
by external resistors and capacitors.
Features
Flicker Compensation Circuit
Reduction of Coupling Effect Between Gate Line
and Pixel
Programmable Power Sequence for Gate Driver IC
Operation from 20V to 35V Positive Supply Input
Adjustable Output Delay Time
RoHS Compliant and 100% Lead (Pb)-Free
Applications
TFT-LCDPanels
Typical Application Circuit
Figure 1. Typical Application Circuit for Mode A and
Mode C
Figure 2. Typical Application Circuit for Mode B
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
Pin Configurations
(TOP VIEW)
SOP-8
VGH
2
3
4
5
8
7
6
VGHM
RE
CD
VFLK
GND
VDPM
VD
2
6
8
RT8901
4
1
CD
VFLK
VDPM
VGH
VGHM
RE
VFLK
1µF
C1
VGH
1.5nF
C2
VGHM
3
R1
1.2k
100pF
C3
VDPM
5
VD
VAVDD
R5A 200k
R5B
20k
7
GND
R2
33k
VCD
2
5
6
8
RT8901
7
4
1
GND
CD
VFLK
VDPM
VGH
VGHM
RE
VD
VFLK
1µF
C1
VGH
1.5nF
C2
VGHM
3
VAVDD
R1
1.2k
R5A 200k
R5B
20k
100pF
C4
100pF
C3
VDPM
R2
33k
Package Type
S : SOP-8
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
RT8901
RT8901
GSYMDNN
RT8901GS : Product Number
YMDNN : Date Code
RT8901GS


Similar Part No. - RT8901

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
Level Shifter
RT8900GC RICHTEK-RT8900GC Datasheet
142Kb / 11P
Level Shifter
RT8900PC RICHTEK-RT8900PC Datasheet
142Kb / 11P
Level Shifter
RT8900ZQW RICHTEK-RT8900ZQW Datasheet
142Kb / 11P
Level Shifter
More results

Similar Description - RT8901

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
Gate Driver for TFT LCD Panels
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
logo
Rohm
BD9478F ROHM-BD9478F Datasheet
725Kb / 15P
PWM pulse Generator for LCD Panels
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
ON Semiconductor
NLHV001 ONSEMI-NLHV001 Datasheet
319Kb / 11P
1-Bit Gate Pulse Modulator
July, 2013 ??Rev. 0
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com