Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC31RF80IRMP Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31RF80IRMP
Description  3-GSPS Telecom Receiver and Feedback Device
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 25Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 26Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 27Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 28Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 29Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 30Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 31Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 32Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 136 page
background image
Input Frequency (MHz)
100
200
300
500 700 1000
2000 3000
5000
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
D062
100 Ohm Source
50 Ohm Source
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
-3
-2
-1
0
1
2
3
D063
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
0.01
0.02
0.03
0.04
0.05
0.06
0.07
D001
D064
29
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
The input impedance of analog inputs can also be modelled as parallel combination of equivalent resistance and
capacitance. Figure 82 and Figure 83 show how equivalent impedance (CIN and RIN) vary over frequency.
Figure 82. Differential Input Capacitance vs
Input Frequency
Figure 83. Differential Input Resistance vs Input Frquency
Each input pin (INP, INM) must swing symmetrically between (CM + 0.3375 V) and (CM – 0.3375 V), resulting in
a 1.35-VPP (default) differential input swing. Figure 84 shows that the input sampling circuit has a 3-dB bandwidth
that extends up to approximately 3.2 GHz.
Figure 84. Input Bandwidth with a 100-Ω Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com