Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC31RF80IRMP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31RF80IRMP
Description  3-GSPS Telecom Receiver and Feedback Device
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 3 Page - Texas Instruments

  ADC31RF80IRMP Datasheet HTML 1Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 2Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 3Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 4Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 5Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 6Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 7Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 8Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
1
NC
54
D3M
2
NC
53
D3P
3
GND
52
GND
4
DVDD
51
DVDD
5
SDIN
50
PDN
6
SCLK
49
GND
7
SEN
48
RESET
8
DVDD
47
DVDD
9
AVDD
46
AVDD
10
AVDD19
45
AVDD19
11
SDOUT
44
AVDD
12
AVDD
43
AVDD
13
NC
42
INP
14
NC
41
INM
15
AVDD
40
AVDD
16
AVDD19
39
AVDD19
17
AVDD
38
AVDD
18
GND
37
GND
Not to scale
Thermal
Pad
3
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RMP Package
72-Pin VQFN
Top View
Pin Functions
NAME
NO.
I/O
DESCRIPTION
INPUT, REFERENCE
INM
41
I
Differential analog input
INP
42
CM
22
O
Common-mode voltage for analog inputs, 1.2 V
NC
1, 2, 13, 14, 65, 66, 68,
69, 71, 72
—
Do not connect these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com