Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC31RF80IRMP Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31RF80IRMP
Description  3-GSPS Telecom Receiver and Feedback Device
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 91 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 87Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 88Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 89Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 90Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 91Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 92Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 93Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 94Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 136 page
background image
91
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.8.9 Register 0B4h (address = 0B4h), Main Digital Page
Figure 173. Register 0B4h
7
6
5
4
3
2
1
0
Band2 Lower-Edge Frequency LSB Setting
R/W-0h
Table 62. Register 0B4h Field Descriptions
Bit
Field
Type
Reset
Description
7-0
Band2 Lower-Edge Frequency LSB
Setting
R/W
0h
These bits specify the lower edge of the Band2 frequency (LSB
8-bit settings).
1 LSB = 1 MHz
Range = 8191 MHz
The absolute frequency values should be entered here and not
the aliased frequency values.
8.5.8.10 Register 0B5h (address = 0B5h), Main Digital Page
Figure 174. Register 0B5h
7
6
5
4
3
2
1
0
0
0
0
Band2 Lower-Edge Frequency MSB Setting
W-0h
W-0h
W-0h
R/W-0h
Table 63. Register 0B5h Field Descriptions
Bit
Field
Type
Reset
Description
7-5
0
W
0h
Must write 0
4-0
Band2 Lower-Edge Frequency MSB
Setting
R/W
0h
These bits specify the lower edge of the Band2 frequency (MSB
5-bit settings).
1 LSB = 1 MHz
Range = 8191 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com