Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC31RF80IRMP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC31RF80IRMP
Description  3-GSPS Telecom Receiver and Feedback Device
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 9Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 10Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 11Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 12Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 13Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 14Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 15Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 16Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D005
Input Frequency (MHz)
0
250
500
750
1000
1250
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D006
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D003
Input Frequency (MHz)
0
250
500
750
1000
1250
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D004
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D001
Input Frequency (MHz)
0
250
500
750
1000
1250
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D002
13
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.11 Typical Characteristics
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2949.12 MSPS, DDC bypassed performance, 50% clock
duty cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise
noted)
SNR = 63.4 dBFS; SFDR = 69 dBc;
HD2 = –69 dBc; HD3 = –71 dBc; non HD2, HD3 = 80 dBc;
IL spur = 82 dBc; fIN = 100 MHz
Figure 3. FFT for 100-MHz Input Frequency
SNR = 63.3 dBFS; SFDR = 72 dBc;
HD2 = –72 dBc; HD3 = –87 dBc; non HD2, HD3 = 85 dBc;
IL spur = 80 dBc; fIN = 100 MHz
Figure 4. FFT for 100-MHz Input Signal (fS = 2457.6 MSPS)
SNR = 60.8 dBFS; SFDR = 71 dBc;
HD2 = –71 dBc; HD3 = –80 dBc; non HD2, HD3 = 83 dBc;
IL spur = 83 dBc; fIN = 900 MHz
Figure 5. FFT for 900-MHz Input Signal
SNR = 61.4 dBFS; SFDR = 71 dBc;
HD2 = –80 dBc; HD3 = –73 dBc; non HD2, HD3 = 74 dBc;
IL spur = 80 dBc; fIN = 900 MHz
Figure 6. FFT for 900-MHz Input Signal (fS = 2457.6 MSPS)
SNR = 58.9 dBFS; SFDR = 69 dBc;
HD2 = –69 dBc; HD3 = –71 dBc; non HD2, HD3 = 77 dBc;
IL spur = 76 dBc; fIN = 1.85 GHz
Figure 7. FFT for 1850-MHz Input Signal
SNR = 58.9 dBFS; SFDR = 71 dBc;
HD2 = –71 dBc; HD3 = –75 dBc; non HD2, HD3 = 78 dBc;
IL spur = 76 dBc; fIN = 1.85 GHz
Figure 8. FFT for 1850-MHz Input Signal (fS = 2457.6 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com