Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5950AM Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5950AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—5
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V, VDD pin voltage = VDD
Note: Ratings also apply at supply switch ON and OFF.
Recommended Operating Conditions
VSS = 0V, VDD pin voltage = VDD
DC Electrical Characteristics
VSS = 0V, VDD = 3.0 to 3.6V, Ta = −40 to 85°C
(*A) All output pins with no load, System Clock frequency: FSCKO = 24.576MHz, Input word clock frequency: FLRCI = 48kHz, Supply voltage: VDD = 3.3V
Pin type
Note: All inputs and input/output pins are 5V compatible. Consequently, input voltages up to 5.5V can be connected. However, while input/output pins in
input mode can have input voltage up to 5.5V, input/output pins in output mode have output voltages that do not rise above VDD level. Plus, in out-
put mode, it is prohibited to use external pull-up to raise the voltage above VDD.
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
− 0.3 to 4.6
V
Input voltage range
VI
− 0.3 to 5.5
V
Output voltage range
VO
– 0.3 to VDD + 0.3
V
Storage temperature range
Tstg
− 55 to 125
°C
Power dissipation
PD
400
mW
Parameter
Symbol
Rating
Unit
min
typ
max
Supply voltage
VDD
3.0
3.3
3.6
V
Operating temperature
Topr
– 40
25
85
°C
Parameter
Pin
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
VDD
IDD
(*A)
–
22.0
30.0
mA
HIGH-level input voltage
(*1) (*3)
VIH
2.0
–
5.5
V
LOW-level input voltage
VIL
0
–
0.7
V
HIGH-level output voltage
(*2) (*3)
VOH
IOH = −2.0mA
2.4
–
VDD
V
LOW-level output voltage
VOL
IOL = 2.0mA
0
–
0.4
V
Input leakage current
(*1) (*3)
ILH
VIN = VDD
– 1.0
–
1.0
µA
ILL
VIN = 0V
– 1.0
–
1.0
µA
Note
Type
Names
(*1)
Inputs
LRCI, BCKI, DI, TMOD0, RSTN, IISI, IMOD0, IMOD1, DEEM, FS0, FS1, DMUTE, THROU, TMOD1, OMOD1,
OMOD0, IISO, SCKO, SLAVE
(*2)
Output
DOUT
(*3)
Inputs/Outputs
BCKO, LRCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com