Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5950AM Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5950AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—13
Conversion performance
I
Internal data word length: 20 bits
I
Gain deviation from deemphasis filter ideal characteristic:
± 0.03dB
I
Anti-aliasing filter characteristic
• Passband ripple:
± 0.0001dB
• Stopband attenuation:
> 98dB
I
Conversion insertion quantization noise level
• Internal computation noise:
≤ – 96dB
• Output round-off noise: 16-bit output: – 98dB
20-bit output: – 122dB
24-bit output: – 146dB
Overall theoretical output S/N ratio
Anti-aliasing filter characteristics
Output signal
word length
S/N ratio
16-bit input
20-bit input
24-bit input
16 bits
– 92.5dB
– 94.0dB
– 94.0dB
20 bits
– 93.9dB
– 96.2dB
– 96.2dB
24 bits
– 93.9dB
– 96.2dB
– 96.2dB
Figure 1. Anti-aliasing filter characteristics
-120
-100
-80
-60
-40
-20
0
0
0.1
0.2
0.3
0.4
0.5
0.6
Frequency [
× fsi]
48 to 44.1kHz
48 to 32kHz
48 to 22.05kHz
up conversion
44.1 to 32kHz
48 to 24kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com