Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5950AM Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5950AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—9
Serial outputs (SLAVE = LOW, LRCO, BCKO, DOUT outputs)
tCY = output system clock (SCKO input) cycle time
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
LRCO cycle time
tLOCY
–
512
–
tCY
LRCO pulsewidth (HIGH level)
tLOCWH
–
256
–
tCY
LRCO pulsewidth (LOW level)
tLOCWL
–
256
–
tCY
BCKO pulse cycle time
tBOCY
–8–
tCY
BCKO pulsewidth (HIGH level)
tBOCWH
–4–
tCY
BCKO pulsewidth (LOW level)
tBOCWL
–4–
tCY
BCKO output delay
tBODL
CL = 15pF
–
–
30
ns
LRCO output delay
tLODL
CL = 15pF
–
–
30
ns
DOUT output delay
tDODL
CL = 15pF
–
–
30
ns
0.5VDD
0.5VDD
DOUT
BCKO
LRCO
0.5VDD
tBOCWH
tBOCWL
tBOCY
tDODL
VOH
VOL
SCKO
tLODL
0.5VDD
VIL
VIH
VOH
VOL
VOH
VOL
tBODL
tBODL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com