Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5950AM Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5950AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—7
Serial inputs (LRCI, BCKI, DI)
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
LRCI cycle time
tLICY
10–50
µs
BCKI pulse cycle time
tBICY
156.25
–
1562.5
ns
BCKI pulsewidth (HIGH level)
tBICWH
60
–
–
ns
BCKI pulsewidth (LOW level)
tBICWL
60
–
–
ns
DI setup time
tDIS
30
–
–
ns
DI hold time
tDIH
30
–
–
ns
Last BCKI rising edge to LRCI edge
tBLI
30
–
–
ns
LRCI edge to first BCKI rising edge
tLBI
30
–
–
ns
0.5VDD
0.5VDD
DI
BCKI
LRCI
0.5VDD
tBLI
tLBI
tBICWH
tBICWL
tBICY
tDIS
tDIH
VIL
VIH
VIL
VIH
VIL
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com