Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
50
Freescale Semiconductor
System Design Information
9.1.3
System Bus Clock (SYSCLK) and Spread Spectrum Sources
Spread spectrum clock sources are an increasingly popular way to control electromagnetic interference emissions
(EMI) by spreading the emitted noise to a wider spectrum and reducing the peak noise magnitude in order to meet
industry and government requirements. These clock sources intentionally add long-term jitter in order to diffuse the
EMI spectral content. The jitter specification given in Table 8 considers short-term (cycle-to-cycle) jitter only and
the clock generator’s cycle-to-cycle output jitter should meet the MPC7457 input cycle-to-cycle jitter requirement.
Frequency modulation and spread are separate concerns, and the MPC7457 is compatible with spread spectrum
sources if the recommendations listed in Table 20 are observed.
It is imperative to note that the processor’s minimum and maximum SYSCLK, core, and VCO frequencies must not
be exceeded regardless of the type of clock source. Therefore, systems in which the processor is operated at its
maximum rated core or bus frequency should avoid violating the stated limits by using down-spreading only.
9.2
PLL Power Supply Filtering
The AVDD power signal is provided on the MPC7457 to provide power to the clock generation PLL. To ensure
stability of the internal clock, the power supplied to the AVDD input signal should be filtered of any noise in the
500 kHz to 10 MHz resonant frequency range of the PLL. A circuit similar to the one shown in Figure 24 using
surface mount capacitors with minimum effective series inductance (ESL) is recommended.
1150
575
460
383
329
288
256
209
209
192
177
164
153
144
1200
600
480
400
343
300
267
218
218
200
185
171
160
150
1250
638
500
417
357
313
278
227
227
208
192
179
167
156
1300
650
520
433
371
325
289
236
236
217
200
186
173
163
Notes:
1. The core and L3 frequencies are for reference only. Note that maximum L3 frequency is design dependent. Some examples
may represent core or L3 frequencies which are not useful, not supported, or not tested for the MPC7457; see Section 5.2.3,
“L3 Clock AC Specifications,” for valid L3_CLK frequencies and for more information regarding the maximum L3 frequency.
2. Not all core frequencies are supported by all speed grades; see Table 8 for minimum and maximum core frequency
specifications.
Table 20. Spread Specturm Clock Source Recommendations
At recommended operating conditions. See Table 4.
Parameter
Min
Max
Unit
Notes
Frequency modulation
—
50
kHz
1
Frequency spread
—
1.0
%
1, 2
Notes:
1. Guaranteed by design.
2. SYSCLK frequencies resulting from frequency spreading, and the resulting core and VCO
frequencies, must meet the minimum and maximum specifications given in Table 8.
Table 19. Sample Core-to-L3 Frequencies 1 (continued)
Core
Frequency
(MHz) 2
÷2
÷2.5
÷3
÷3.5
÷4
÷4.5
÷5
÷5.5
÷6
÷6.5
÷7
÷7.5
÷8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com