Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
10
Freescale Semiconductor
General Parameters
4
General Parameters
The following list provides a summary of the general parameters of the MPC7457:
Technology
0.13
µm CMOS, nine-layer metal
Die size
9.1 mm × 10.8 mm
Transistor count
58 million
Logic design
Fully-static
Packages
MPC7447: Surface mount 360 ceramic ball grid array (CBGA)
MPC7457: Surface mount 483 ceramic ball grid array (CBGA)
Core power supply
1.3 V ±50 mV DC nominal
I/O power supply
1.8 V ±5% DC, or
2.5 V ±5% DC, or
1.5 V ±5% DC (L3 interface only, not implemented on MPC7447)
5
Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the MPC7457.
5.1
DC Electrical Characteristics
The tables in this section describe the MPC7457 DC electrical characteristics.Table 2 provides the absolute
maximum ratings.
Table 2. Absolute Maximum Ratings 1
Characteristic
Symbol
Maximum Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.60
V
2
PLL supply voltage
AVDD
–0.3 to 1.60
V
2
Processor bus supply voltage
BVSEL = 0
OVDD
–0.3 to 1.95
V
3, 4
BVSEL = HRESET or OVDD
OVDD
–0.3 to 2.7
V
3, 5
L3 bus supply voltage
L3VSEL = ¬HRESET
GVDD
–0.3 to 1.65
V
3, 6
L3VSEL = 0
GVDD
–0.3 to 1.95
V
3, 7
L3VSEL = HRESET or GVDD
GVDD
–0.3 to 2.7
V
3, 8
Input voltage
Processor bus
Vin
–0.3 to OVDD + 0.3
V
9, 10
L3 bus
Vin
–0.3 to GVDD + 0.3
V
9, 10
JTAG signals
Vin
–0.3 to OVDD + 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com