Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 68Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
64
Freescale Semiconductor
Part Numbering and Marking
11.2 Part Numbers Not Fully Addressed by This Document
Parts with application modifiers or revision levels not fully addressed are described in a separate addendum, which
supplement and supersede this hardware specification. As such parts are released, these specifications will be listed
in this section.
Table 24. Part Numbers Addressed by MPC74x7RXnnnnNx Series Hardware Specifications Addendum
(Document Order No. MPC7457ECS1AD)
MC
74x7
RX
nnnn
N
x
Product
Code
Part
Identifier
Package
Processor
Frequency
Application
Modifier
Revision Level
PPC
7457
RX = CBGA
1000
867
733
600
N: 1.1 V ± 50 mV
0
° to 105°C
B: 1.1; PVR = 8002 0101
7447
1000
867
MC
7447
1000
867
733
600
B: 1.1; PVR = 8002 0101
7457
1000
867
733
600
C: 1.2; PVR = 8002 0102
Table 25. Part Numbers Addressed by MPC7457TRXnnnnLB Series Hardware Specifications Addendum
(Document Order No. MPC7457ECS2AD)
MC
7457
T
RX
nnnn
L
x
Product
Code
Part
Identifier
Specification
Modifier
Package
Processor
Frequency
Application
Modifier
Revision Level
MC
7457
T = Extended
Temperature
Device
RX = CBGA
1000
1267
L: 1.3 V ± 50 mV
–40
° to 105°C
C: 1.2; PVR = 8002 0102
Table 26. Part Numbers Addressed by MPC7457TRXnnnnNx Series Hardware Specifications Addendum
(Document Order No. MPC7457ECS3AD)
MC
74x7
T
RX
nnnn
N
x
Product
Code
Part
Identifier
Specification
Modifier
Package
Processor
Frequency
Application
Modifier
Revision Level
MC
7447
T = Extended
Temperature
Device
RX = CBGA
733
1000
N: 1.1 V ± 50 mV
–40
° to 105°C
B: 1.1; PVR = 8002 0101
7457
C: 1.2; PVR = 8002 0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com