Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
62
Freescale Semiconductor
Document Revision History
3
Corrected numerous errors in lists of pins associated with tKHOV, tKHOX, tIVKH, and tIXKH in Table 9.
Added support for 1.5 V L3 interface voltage; issues fixed in Rev. 1.1.
Corrected typos in Table 12.
Added data to Table 2.
Clarified address bus pull-up resistor recommendations in Section 1.9.6.
Modified Table 9, Figure 5, and Figure 6 to more accurately show when the mode select inputs
(BMODE[0:1], L3VSEL, BVSEL) are sampled and AC timing requirements
Table 10: Added skew and jitter values.
Table 14: Added AC timing values.
Table 24: Updated to reflect past and current part numbers not fully covered by this document.
Table 6: Removed CVIH and CVIL; VIH and VIL for SYSCLK input is the same as for other input
signals, and is now noted accordingly in this table.
Table 7: Removed Doze mode power entry (but left footnote 4 for clarity); documentation change
only.
Nontechnical formatting
2
Added substrate capacitor information in Sections 1.8.3 and 1.8.6.
Increased minimum processor and VCO frequencies in Table 8 from 500 and 1000 MHz to 600 and
1200 MHz (respectively).
Corrected maximum processor frequency for 1300 MHz devices in Table 8 (changed from 1333 to
1300 MHz).
Added value for to tL3CSKW1 Table 10.
Added L3OHCR information in Section 1.5.2.4.1.
Added values for tCO and tECI to Table 11.
Added Note 8 to Table 13 and Note 6 to Table 14.
Changed resistor value in PLL filter in Figure 25 from 10
Ω to 400 Ω.
Added 867 MHz speed grade.
Corrected Product Code in Tables 22 and 23.
Added pull-up/pull-down recommendations for CKSTP_IN and PLL_CFG[0:4] to Section 1.9.6.
1.1
Nontechnical reformatting.
Table 22. Document Revision History (continued)
Revision
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com