Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7344S Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7344S
Description  DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7344S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7344S Datasheet HTML 4Page - STMicroelectronics TDA7344S Datasheet HTML 5Page - STMicroelectronics TDA7344S Datasheet HTML 6Page - STMicroelectronics TDA7344S Datasheet HTML 7Page - STMicroelectronics TDA7344S Datasheet HTML 8Page - STMicroelectronics TDA7344S Datasheet HTML 9Page - STMicroelectronics TDA7344S Datasheet HTML 10Page - STMicroelectronics TDA7344S Datasheet HTML 11Page - STMicroelectronics TDA7344S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
INTERFACE FEATURES
- Due to the fact that the MSB is used to select
if the byte transmitted is a subaddress (func-
tion) or a data (value), between a start and
stop condition, is possible to receive, how
many subaddresses and datas as wanted.
- The subaddress (function) is fixed until a new
subaddress is transmitted, so the TDA7344
can receive how many data as wanted for the
selected subaddress (without the need for a
new start condition)
- If TDA7344 receives a subaddress with the
LSB = 1 the incremental bus is selected, so it
enters in a loop condition that means that
every acknowledge will increase automat-
ically the subaddress (function) and it re-
ceives the data related to the new subad-
dress.
EXAMPLES
1) NO INCREMENTAL BUS
TDA7344 receives a start condition, the correct
chip address, a subaddress with the LSB = 0 (no
incremental bus), N-datas (all these datas con-
cern the subaddress selected), a new subad-
dress, N-data, a stop condition.
So it can receive in a single transmission how
many subaddress are necessary, and for each
subaddress how many data are necessary.
2) INCREMENTAL BUS
TDA7344 receives a start condition, the correct
chip address a subaddress with the LSB = 1 (in-
cremental bus): now it is in a loop condition with
an autoincrease of the subaddress.
The first data that it receives doesn’t concern the
subaddress sended but the next one, the second
one concerns the subaddress sended plus two in
the loop etc, and at the end it receives the stop
condition.
In the pictures there are some examples:
S = start
A
CHIP ADDRESS
0
80 (HEX)
1
82 (HEX)
ACK = acknowledge
B = 1 incremental bus, B = 0 no incremental bus
P = stop
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte, containing the TDA7344
address (the 8th bit of the byte must be 0). The
TDA7344 must always acknowledge at the end
of each transmitted byte.
A subaddress (function) bytes (identified by the
MSB = 0)
A sequence of dates and subaddresses (N
bytes + achnowledge. The dates are identified
by MSB = 1, subaddresses by MSB = 0)
A stop condition (P)
1) one subaddress, with n data concerning that subaddress (no incremental bus)
ACK = Achnowledge
S = Start
P = Stop
TDA7344
8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com