Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7344S Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7344S
Description  DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7344S Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7344S Datasheet HTML 1Page - STMicroelectronics TDA7344S Datasheet HTML 2Page - STMicroelectronics TDA7344S Datasheet HTML 3Page - STMicroelectronics TDA7344S Datasheet HTML 4Page - STMicroelectronics TDA7344S Datasheet HTML 5Page - STMicroelectronics TDA7344S Datasheet HTML 6Page - STMicroelectronics TDA7344S Datasheet HTML 7Page - STMicroelectronics TDA7344S Datasheet HTML 8Page - STMicroelectronics TDA7344S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ELECTRICAL CHARACTERISTICS (refer to the test circuit Tamb =25
°C, VS = 9V, RL = 10KΩ,
RG = 600
Ω, all controls flat (G = 0),Effect Ctrl = -6dB, MODE = OFF; f = 1KHz
unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
7
9
10.5
V
IS
Supply Current
20
25
35
mA
SVR
Ripple Rejection
LCH /RCH out, Mode = OFF
60
80
dB
INPUT STAGE
RII
Input Resistance
35
50
65
K
Ω
VCL
Clipping Level
THD = 0.3%; Lin or Rin
2
2.5
Vrms
THD = 0.3%; Rin + Lin (2)
3.0
Vrms
CRANGE
Control Range
19.68
dB
AVMIN
Min. Attenuation
-1
0
1
dB
AVMAX
Max. Attenuation
18.68
19.68
20.68
dB
ASTEP
Step Resolution
0.11
0.31
0.51
dB
VDC
DC Steps
adjacent att. step
-3
0
3
mV
VOLUME CONTROL
CRANGE
Control Range
70
75
dB
AVMIN
Min. Attenuation
-1
0
1
dB
AVMAX
Max. Attenuation
70
75
dB
ASTEP
Step Resolution
Av = 0 to -40dB
0.5
1.25
1.75
dB
EA
Attenuation Set Error
Av = 0 to -20dB
Av = -20 to -60dB
-1.5
-3
0
1.5
2
dB
dB
ET
Tracking Error
2dB
VDC
DC Steps
adjacent attenuation steps
From 0dB to Av max
-3
-5
0
0.5
3
5
mV
mV
BASS CONTROL (1)
Gb
Control Range
Max. Boost/cut
+11.5
+14
+16
dB
BSTEP
Step Resolution
1
2
3
dB
RB
Internal Feedback Resistance
32
44
56
K
Ω
TREBLE CONTROL (1)
Gt
Control Range
Max. Boost/cut
+13
+14
+15
dB
TSTEP
Step Resolution
0.5
2
1.5
dB
EFFECT CONTROL
CRANGE
Control Range
- 21
- 6
dB
SSTEP
Step Resolution
1
dB
TDA7344
4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com