Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7344S Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7344S
Description  DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7344S Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7344S Datasheet HTML 1Page - STMicroelectronics TDA7344S Datasheet HTML 2Page - STMicroelectronics TDA7344S Datasheet HTML 3Page - STMicroelectronics TDA7344S Datasheet HTML 4Page - STMicroelectronics TDA7344S Datasheet HTML 5Page - STMicroelectronics TDA7344S Datasheet HTML 6Page - STMicroelectronics TDA7344S Datasheet HTML 7Page - STMicroelectronics TDA7344S Datasheet HTML 8Page - STMicroelectronics TDA7344S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SURROUND SOUND MATRIX
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GOFF
In-phase Gain (OFF)
Mode OFF , Input signal of
1kHz, 1.4 Vp-p,Rin
→ Rout
Lin
→ Lout
-1.5
0
1.5
dB
DGOFF
LR In-phase Gain Difference
(OFF)
Mode OFF , Input signal of
1kHz, 1.4 Vp-p
(Rin
→ Rout), (Lin → Lout)
-1.5
0
1.5
dB
GMOV1
In-phase Gain (Movie 1)
Movie mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
Rin
→ Rout,Lin → Lout
7dB
GMOV2
In-phase Gain (Movie 2)
Movie mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
Rin
→ Rout,Lin → Lout
8dB
DGMOV
LR In-phase Gain Diffrence
(Movie)
Movie mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin
→ Rout)– (Lin → Lout)
0dB
GMUS1
In-phase Gain (Music 1)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin
→ Rout)– (Lin → Lout)
6dB
GMUS2
In-phase Gain (Music 2)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
Rin
→ Rout,Lin → Lout
7.5
dB
DGMUS
LR In-phase Gain Difference
(Music)
Music mode, Effect Ctrl = -6dB
Input signal of 1kHz, 1.4 Vp-p
(Rin
→ Rout)– (Lin → Lout)
0dB
LMON1
Simulated L Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p,Rin and Lin
→ Lout
4.5
dB
LMON2
Simulated L Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p,Rin and Lin
→ Lout
– 4.0
dB
LMON3
Simulated L Output 3
Simulated Mode, EffectCtrl = -6dB
Input signal of 3.6kHz,
1.4 Vp-p,Rin and Lin
→ Lout
7.0
dB
RMON1
Simulated R Output 1
Simulated Mode, Effect Ctrl = -6dB
Input signal of 250Hz,
1.4 Vp-p,Rin and Lin
→Rout
– 4.5
dB
RMON2
Simulated R Output 2
Simulated Mode, Effect Ctrl = -6dB
Input signal of 1kHz,
1.4 Vp-p,Rin and Lin
→Rout
3.8
dB
RMON3
Simulated R Output 3
Simulated Mode, Effect Ctrl = -6dB
Input signal of 3.6kHz,
1.4 Vp-p,Rin and Lin
→ Rout
–20
dB
RLP1
Low Pass Filter Resistance
7.5
10
12.5
K
Ω
RPS1
Phase Shifter 1 Resistance
13.5
17.95
22.5
k
Ω
RPS2
Phase Shifter 2 Resistance
0.3
0.4
0.5
K
Ω
RPS3
Phase Shifter 3 Resistance
13.6
18.08
22.6
K
Ω
RPS4
Phase Shifter 4 Resistance
13.6
18.08
22.6
K
Ω
RHPF
High Pass Filter Resistance
45
60
75
K
Ω
RLPF
LP Pin Impedance
7.5
10
12.5
K
Ω
TDA7344
5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com