Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7344S Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7344S
Description  DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7344S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7344S Datasheet HTML 9Page - STMicroelectronics TDA7344S Datasheet HTML 10Page - STMicroelectronics TDA7344S Datasheet HTML 11Page - STMicroelectronics TDA7344S Datasheet HTML 12Page - STMicroelectronics TDA7344S Datasheet HTML 13Page - STMicroelectronics TDA7344S Datasheet HTML 14Page - STMicroelectronics TDA7344S Datasheet HTML 15Page - STMicroelectronics TDA7344S Datasheet HTML 16Page - STMicroelectronics TDA7344S Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
INPUT CONTROL RANGE (0 TO -19.68dB)
MSB
LSB
0.3125 dB STEPS
1
X
000
0
1
Xx
0
0
1
-0.3125
1
X
0
1
0
-0.625
1
X
0
1
1
-0.9375
1
X
1
0
0
-1.25
1
X
1
0
1
-1.5625
1
X
1
1
0
-1.875
1
X
1
1
1
-2.1875
2.5 dB STEPS
1
X
000
0
1
X
0
0
1
-2.5
1
X
0
1
0
-5.0
1
X
0
1
1
-7.5
1
X
100
-10
1
X
1
0
1
-12.5
1
X
110
-15
1
X
1
1
1
-17.5
POWER ON RESET
VOLUME ATTENUATION
MAX ATTENUATION, LOUDNESS OFF
TREBLE
-14dB
BASS
-14dB
SURROUND & OUT CONTROL + EFFECT CONTROL
OFF + FIX + MAX ATTENUATION
ATT SPEAKER R
MUTE
ATT SPEAKER L
MUTE
ATT AUX OUT 1
MUTE
ATT AUX OUT 2
MUTE
TDA7344
13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com