Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD10.241 Datasheet(PDF) 13 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 13 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 9Page - PULS GmbH CD10.241 Datasheet HTML 10Page - PULS GmbH CD10.241 Datasheet HTML 11Page - PULS GmbH CD10.241 Datasheet HTML 12Page - PULS GmbH CD10.241 Datasheet HTML 13Page - PULS GmbH CD10.241 Datasheet HTML 14Page - PULS GmbH CD10.241 Datasheet HTML 15Page - PULS GmbH CD10.241 Datasheet HTML 16Page - PULS GmbH CD10.241 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
14. ENVIRONMENT
Operational temperature1)
-25°C to +70°C (-13°F to 158°F)
reduce output power according Fig. 14-1
Storage temperature
-40 to +85°C (-40°F to 185°F)
for storage and transportation
Output de-rating
3.2W/°C
45-60°C (113°F to 140°F)
6W/°C
60-70°C (140°F to 158°F)
Humidity2)
5 to 95% r.H.
IEC 60068-2-30
Vibration sinusoidal3)
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g
2 hours / axis
IEC 60068-2-6
Shock3)
30g 6ms, 20g 11ms
3 bumps / direction, 18 bumps in total
IEC 60068-2-27
Altitude
0 to 6000m (0 to 20 000ft)
reduce output power or ambient temperature
above 2000m sea level.
Altitude de-rating
15W/1000m or 5°C/1000m
above 2000m (6500ft), see Fig. 14-2
Over-voltage category
not applicable
The concept of the overvoltage category is
used for equipment energized directly from
the low voltage mains (IEC 60664-1 §4.3.3.2.1).
Degree of pollution
2
IEC 62477-1, not conductive
LABS compatibility
The unit does not release any silicone or other LABS-critical substances and is suitable for
use in paint shops.
Corrosive gases
ISA-71.04-1985, Severity Level G3, IEC 60068-2-60 Test Ke Method 4
Audible noise
Some small audible noise will be emitted from the power supply.
1) Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
2) Do not energize while condensation is present
3) Tested in combination with DIN-Rails according to EN 60715 with a height of 15mm and a thickness of 1.3mm and standard mounting
orientation. Higher levels allowed when using the wall mounting bracket ZM2.WALL.
Fig. 14-1 Output current vs. ambient temp.
Fig. 14-2 Output current vs. altitude at 24V
0
13/25
-25
0
20
40
70°C
2
4
6
8
10
12A
60
Ambient Temperature
continuous
short
term
Allowable Output
Current at 24V
0
0
2000
4000
6000m
2
4
6
8
10
12A
Altitude
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
C
B
A
short term
Allowable Output
Current at 24V
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com