Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD10.241 Datasheet(PDF) 2 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 2 Page - PULS GmbH

  CD10.241 Datasheet HTML 1Page - PULS GmbH CD10.241 Datasheet HTML 2Page - PULS GmbH CD10.241 Datasheet HTML 3Page - PULS GmbH CD10.241 Datasheet HTML 4Page - PULS GmbH CD10.241 Datasheet HTML 5Page - PULS GmbH CD10.241 Datasheet HTML 6Page - PULS GmbH CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
INDEX
Page
Page
1.
Intended Use .......................................................3
2.
Installation Requirements...................................3
3.
Input Voltage ......................................................4
4.
Input Inrush Current and Soft-start Behavior ....5
5.
Output .................................................................6
6.
Hold-up Time.......................................................7
7.
Efficiency and Power Losses................................8
8.
Functional Diagram.............................................9
9.
Front Side and User Elements.............................9
10. Terminals and Wiring........................................10
11. Lifetime Expectancy ..........................................11
12. MTBF ..................................................................11
13. EMC....................................................................12
14. Environment ......................................................13
15. Protection Features ...........................................14
16. Safety Features ..................................................14
17. Dielectric Strength ............................................15
18. Approvals...........................................................16
19. RoHS, REACH and Other Fulfilled Standards ...16
20. Physical Dimensions and Weight ..................... 17
21. Accessories ........................................................ 18
21.1. ZM2.WALL - Wall Mounting Bracket.......18
21.2. ZM12.SIDE - Side Mounting Bracket........18
21.3. YR20.246 Redundancy Module ................19
22. Application Notes............................................. 20
22.1. Peak Current Capability ...........................20
22.2. Back-feeding Loads ..................................21
22.3. Inductive and Capacitive Loads................21
22.4. Charging of Batteries ...............................21
22.5. External Input Protection.........................21
22.6. Requirements for the Supplying Source..22
22.7. Series Operation .......................................22
22.8. Parallel Use to Increase Output Power....23
22.9. Parallel Use for Redundancy ....................23
22.10. Use in a Tightly Sealed Enclosure ............24
22.11. Mounting Orientations ............................25
The information given in this document is correct to the best of our knowledge and experience at the time of
publication. If not expressly agreed otherwise, this information does not represent a warranty in the legal sense of the
word. As the state of our knowledge and experience is constantly changing, the information in this data sheet is
subject to revision. We therefore kindly ask you to always use the latest issue of this document (available under
www.pulspower.com). No part of this document may be reproduced or utilized in any form without our prior
permission in writing.
TERMINOLOGY AND ABREVIATIONS
PE and
symbol
PE is the abbreviation for Protective Earth and has the same meaning as the symbol
.
Earth, Ground
This document uses the term “earth” which is the same as the U.S. term “ground”.
T.b.d.
To be defined, value or description will follow later.
DC 24V
A figure displayed with the AC or DC before the value represents a nominal voltage with
standard tolerances included.
E.g.: DC 12V describes a 12V battery disregarding whether it is full (13.7V) or flat (10V)
24Vdc
A figure with the unit (Vac) at the end is a momentary figure without any additional
tolerances included.
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
2/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com