Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD10.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button CD10.241 Datasheet HTML 17Page - PULS GmbH CD10.241 Datasheet HTML 18Page - PULS GmbH CD10.241 Datasheet HTML 19Page - PULS GmbH CD10.241 Datasheet HTML 20Page - PULS GmbH CD10.241 Datasheet HTML 21Page - PULS GmbH CD10.241 Datasheet HTML 22Page - PULS GmbH CD10.241 Datasheet HTML 23Page - PULS GmbH CD10.241 Datasheet HTML 24Page - PULS GmbH CD10.241 Datasheet HTML 25Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
22.2. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the power supply. This feature is also called
return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
This power supply is resistant and does not show malfunctioning when a load feeds back voltage to the power supply.
It does not matter whether the power supply is on or off.
The maximum allowed feed-back-voltage is 35Vdc. The maximum allowed feed-back peak current is 40A. Higher
currents can temporarily shut-down the output voltage. The absorbing energy can be calculated according to the
built-in large sized output capacitance which is specified in chapter 5.
22.3. INDUCTIVE AND CAPACITIVE LOADS
The unit is designed to supply any kind of loads, including unlimited capacitive and inductive loads.
22.4. CHARGING OF BATTERIES
The DC/DC converter can be used to charge lead-acid or maintenance free batteries. (Two 12V batteries in series)
Instructions for charging batteries:
a)
Ensure that the ambient temperature of the DC/DC converter is below 45°C
b)
Do not use DC/DC converters in mounting orientations other than the standard mounting orientation (input
terminals on the bottom and output terminals on top of the unit).
c)
Set output voltage (measured at no load and at the battery end of the cable) very precisely to the end-of-charge
voltage.
End-of-charge voltage
27.8V
27.5V
27.15V
26.8V
Battery temperature
10°C
20°C
30°C
40°C
d)
Use a 16A circuit breaker (or blocking diode) between the DC/DC converter and the battery.
e)
Ensure that the output current of the DC/DC converter is below the allowed charging current of the battery.
f)
Use only matched batteries when putting 12V types in series.
g)
The return current to the DC/DC converter (battery discharge current) is typ. 10mA when the DC/DC converter is
switched off (except in case a blocking diode is utilized).
22.5. EXTERNAL INPUT PROTECTION
The unit is tested and approved for branch circuits up to 50A. An external protection is only required, if the supplying
branch has an ampacity greater than this. Check also local codes and local requirements. In some countries local
regulations might apply.
If an external fuse is necessary or utilized, minimum requirements need to be considered to avoid nuisance tripping of
the circuit breaker. A minimum value of 20A B- or C-Characteristic breaker should be used.
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com