Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD10.241 Datasheet(PDF) 1 Page - PULS GmbH

Part # CD10.241
Description  DC/DC Converter 24V/24V, 10A, 240W
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD10.241 Datasheet(HTML) 1 Page - PULS GmbH

  CD10.241 Datasheet HTML 1Page - PULS GmbH CD10.241 Datasheet HTML 2Page - PULS GmbH CD10.241 Datasheet HTML 3Page - PULS GmbH CD10.241 Datasheet HTML 4Page - PULS GmbH CD10.241 Datasheet HTML 5Page - PULS GmbH CD10.241 Datasheet HTML 6Page - PULS GmbH CD10.241 Datasheet HTML 7Page - PULS GmbH CD10.241 Datasheet HTML 8Page - PULS GmbH CD10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CD10.241
CD-Series
DC/DC Converter 24V/24V, 10A, 240W
DC/DC CONVERTER
24V DC-Input
Isolated 24Vdc Output
Efficiency 94.2%
Width only 42mm
20% Output Power Reserves
Full Power Between -25°C and +60°C
Soft-start Function
Minimal Inrush Current Surge
Reverse Input Polarity Protection
3 Year Warranty
1/25
GENERAL DESCRIPTION
The CD10.241 is a DIN-rail mountable DC/DC converter
of the DIMENSION series which provides a floating,
stabilized and galvanically separated SELV/PELV output
voltage.
The CD-Series is part of the DIMENSION power supply
family. The most outstanding features of CD10.241 are
the high efficiency, the small size and the wide
operational temperature range.
The CD-Series includes all the essential basic functions.
The devices have a power reserve of 20% included,
which may even be used continuously at temperatures
up to +45°C.
High immunity to transients and power surges as well as
low electromagnetic emission and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V*)
Output current
12 – 10.3A
Below +45°C amb.
10 – 8.6A
At +60°C ambient
7.5 – 6.5A
At +70°C ambient
Derate linearly between +45°C and +70°C
Input voltage
DC 24V
-25%/+46%
Input voltage range
18 to 35Vdc
Input current
typ. 10.5A
At 24Vdc input
Input inrush current
typ. 6A peak
At 25°C
Efficiency
94.2%
At 24Vdc input
Losses
14.8W
At 24Vdc input
Temperature range -25°C to +70°C
Hold-up time
4ms
At 24Vdc input
Size (W x H x D)
42x124x117mm
Without DIN-rail
Weight
500g / 1.1lb
*) extended guaranteed adjustment range down to 23V.
ORDER NUMBERS
DC/DC Converter
CD10.241
Accessory
ZM2.WALL
Wall mount bracket
ZM12.SIDE
Side mount bracket
YR20.246
Redundancy module
MARKINGS
Ind. Cont. Eq.
UL 508, planned
UL 60950-1
planned
Class I Div 2
planned
IECEx
ATEX
planned
Marine,
planned
Jul. 2017 / Rev. 1.1 DS-CD10.241-EN
All parameters are typical values at 24V, 10A, 24Vdc input voltage, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CD10.241

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD10 ETC1-CD10 Datasheet
67Kb / 4P
Mica Capacitors, Standard Dipped
logo
Cornell Dubilier Electr...
CD10 CDE-CD10 Datasheet
526Kb / 7P
Mica Capacitors, Standard Dipped
logo
Marki Microwave
CD10-0106 MARKIMICROWAVE-CD10-0106 Datasheet
218Kb / 3P
DUAL DIRECTIONAL COUPLER
CD10-0114 MARKIMICROWAVE-CD10-0114 Datasheet
218Kb / 3P
DUAL DIRECTIONAL COUPLER
logo
TDK Electronics
CD10-E2GA152MYGSA TDK-CD10-E2GA152MYGSA Datasheet
73Kb / 3P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CD10.241

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
24V, 3A DC-DC Synchronous Buck Converter
logo
Delta Electronics, Inc.
B70SR24125A DELTA-B70SR24125A Datasheet
935Kb / 12P
24V Output DC/DC Converter, Box Type Package
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
24V, 200W, DC/DC CONVERTER
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
24V, 100W, DC/DC CONVERTER
CP10E242 PULS-CP10E242 Datasheet
954Kb / 30P
24V, 10A, 240W, SINGLE PHASE INPUT
CP10.241 PULS-CP10.241_17 Datasheet
955Kb / 30P
24V, 10A, 240W, SINGLE PHASE INPUT
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
24V, 200W, DC/DC CONVERTER
CP10.241-R1 PULS-CP10.241-R1 Datasheet
893Kb / 31P
24V, 10A, 240W, SINGLE PHASE
logo
Weidmuller
2838460000 WEIDMULLER-2838460000 Datasheet
734Kb / 5P
PRO BAS 240W 24V 10A
logo
TiMOTION Technology Co....
TA32 TIMOTION-TA32 Datasheet
544Kb / 6P
Voltage of motor 24V DC, 24V DC (PTC)
20170718-B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com