Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR2.5 Datasheet(PDF) 1 Page - PULS GmbH

Part # SLR2.5
Description  Quasi-Wide-Range Input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

SLR2.5 Datasheet(HTML) 1 Page - PULS GmbH

  SLR2.5 Datasheet HTML 1Page - PULS GmbH SLR2.5 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
slr2e100 / 040121
1/ 2
The
Redundant
Variant
Baby with redundancy
SLR2.5
• Input: AC 230V/115V, DC 160-375V
• Output: 24V/2.5A
• High overload current, no switch-off
• Quasi-Wide-Range Input
• N+1 redundancy, RDY relay contact
• NEC Class 2 Power Supply
CUL/CSA-C22.2
EMC and
Low Volt.
UL60950 E137006
UL508 LISTED
IND. CONT. EQ.
No 950-M90
18 WM, 60°C
Directive
CB
scheme
IEC60950
Input
Efficiency, Reliability etc.*
Construction / Mechanics*
Output
*
*For further information see data sheets „The SilverLine“, „SilverLine Family
Branches“ and mechanics data sheet
Input voltage
AC100-120/220-240 V (switchable), 47-63 Hz
(85-132 VAC / 176-264 VAC, 160-375 VDC, see
also „Output: Continuous Loading“)
Quasi-Wide-Range Input: With the switch in the 230V position the pow-
er-supply unit operates at low and moderate loads at any input voltage
between 95 and 264 V AC (see ’Output’ at the right side).
Note: At DC input, always leave the switch in the 230V position
Input current
< 1.3 A (switch in 115V position)
< 0.7 A (switch in 230V position)
DC input current
at open output
typ. 5.3 mA at 110 VDC, 3.9 mA at 300 VDC
(preserves battery sources)
Inrush current
typ. < 25 A at 264 V AC and cold start
To be fused with a 10A, B-type 'circuit-breaker' switch based on the
usual thermomagn. overload sensing principle (used anyway to fuse
the input lines). In addition, the unit contains an internal fuse (not ac-
cessible)
Transient
handling
Transient resistance acc. to VDE 0160 / W2
(750 V / 1.3 ms), for all load conditions.
Hold up time
> 20 ms at 196 VAC, 24 V / 2.5 A
(see diagram overleaf)
Efficiency
typ. 86.5 %
(230 VAC, 24 V / 2.5 A)
Losses
typ. 9.4 W
(230 VAC, 24 V / 2.5 A)
MTBF
700,000 h acc. to Siemensnorm SN 29500
(24 V/2.5 A, 230 VAC, Tamb = +40 °C)
Life cycle (electrolytics) The unit exclusively uses longlife electrolytics,
specified for +105°C (cf. ’The SilverLine’, p.2).
Housing dimensions and Weight
• W x H x D
• Free space for
ventilation
•Weight
49 mm x 124 mm x 102 mm (+ DIN rail)
above/below 25 mm recommended
right 10 mm recommended (front view)
470 g
Design advantages:
• Input and output pluggable by means of Combicon® plug connec-
tor.
• Ensure strain relief of the plug connectors
when installing the unit.
• Input and output are strictly apart from each other and so cannot be
mixed up (input below, output above).
Rated output voltage
24 V DC
For balanced current sharing during parallel operation:
Soft characteristic (25.2 V DC ±2% at no-load, 24 V DC ±0.5% at nomi-
nal load, almost linear characteristic curve)
Output noise
suppression
Radiated EMI values below EN 61000-6-3, even
when using long, unscreened output cables.
Ambient temperature
range Tamb
Operation: -10°C...+70°C (>60°C: Derating)
Storage: -25°C...+85°C
Output protected against short circuit, open circuit and overload
Derating
typ. 1.5 W/K
(at Tamb=+60°C...+70°C)
Voltage regulation
better than 2% Vout overall
Ripple / Noise
< 30 mVPP, (20 MHz bandw., 50 Ω measurem.)
Overvolt. protection
typ. 32 V
Parallel operation
yes; current sharing via soft characteristic
(see diagram)
Power back immunity
26 V
Front panel indicator
Green LED
RDY relay contact
•Type
•closes
• opens
• Electrical isolation
• Contact rating
normally open contact
when output voltage > 22.1V ±4%
when output voltage < 19.8V ±4%
500V DC to output voltage
1A at 28V DC
Continuous loading
(at Tamb = -10°C...+60°C,
convection cooling),
see also diagram over-
leaf. For start at
Tamb<0°C and low input
voltage, please contact
PULS.
* For start with DC input
> 95 V DC needed
Switch
AC/DCin
Iout
230V
176-264 V
ACin
2,5 A
95-176 V
ACin
1,5 A
160-375 V
DCin
2,5 A
120-160 V
DCin
2,0 A
80*-120 V
DCin
1,5 A
Order information
Order number
Description
SLR2.100
SL2.100
SLZ01
N+1 redundancy*
Basic version without redundancy*
Screw mounting set, two needed per unit


Similar Part No. - SLR2.5

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
SLR2.100 PULS-SLR2.100 Datasheet
479Kb / 2P
Baby with redundancy
More results

Similar Description - SLR2.5

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
KQWS DIWELL-KQWS Datasheet
1Mb / 7P
40W WIDE INPUT RANGE
2016/03/11
LW-SERIES DIWELL-LW-SERIES Datasheet
190Kb / 9P
5W WIDE INPUT RANGE
2010/07/01
PCW DIWELL-PCW Datasheet
801Kb / 5P
5W WIDE INPUT RANGE
2015/01/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com