Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQWS Datasheet (PDF) - DIWELL Electronics Co., Ltd.

KQWS Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # KQWS
Download  KQWS Download
File Size   1333.81 Kbytes
Page   7 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 40W WIDE INPUT RANGE

KQWS Datasheet (PDF)

Go To PDF Page Download Datasheet
KQWS Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # KQWS
Download  KQWS Click to download

File Size   1333.81 Kbytes
Page   7 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 40W WIDE INPUT RANGE

KQWS Datasheet (HTML) - DIWELL Electronics Co., Ltd.


KQWS Product details

40W DIL PACKAGE
 INDUSTRY STANDARD PACKAGE
 9-18V,18-36V,36-75V,9-36V,18-75V WIDE
INPUT RANGE
 100% BURNED IN
 HIGH EFFICIENCY
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 3 YEARS WARRA





Similar Description - KQWS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA40 ARTESYN-BXA40 Datasheet
74Kb / 3P
40W Wide Input DC/DC Converters
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
logo
Toppower Electronic Tec...
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
40W Wide Input Voltage DC/DC Converters
logo
XP Power Limited
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
GAPTEC Electronic GmbH ...
40DAWE GAPTEC-40DAWE Datasheet
2Mb / 5P
40W - Single Output - Wide Input - Isolated & Regulated
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
LW-SERIES DIWELL-LW-SERIES Datasheet
190Kb / 9P
5W WIDE INPUT RANGE
2010/07/01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com