Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQWS Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # KQWS
Description  40W WIDE INPUT RANGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

KQWS Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  KQWS Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DANUBE
http://www.danube.com.tw
4
2016/03/11
 SIMPLIFIED SCHEMATIC
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PWM
CONTROLLER
 MECHANICAL DIMENSIONS
PIN
SINGLE
1
Remote On/Off
2
-Vin
3
+Vin
4
-Sense
5
+Sense
6
+Vout
7
-Vout
8
Trim
NOTE:Pin Size is Tolerance 1.0Φ ±0.10mm
All Dimensions In mm(Inches)
Tolerance .X
or .XX= ±0.5mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com