Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQWS Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # KQWS
Description  40W WIDE INPUT RANGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

KQWS Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  KQWS Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DANUBE
http://www.danube.com.tw
2
2016/03/11
 SELECTION GUIDE(1)
2:1 33W~40W OUTPUT
MODEL NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
INPUT6
CURRENT(mA) EFF
(%)7
CAPACITOR
LOAD
(Max)
FULL
LOAD
NO
LOAD
KQWS-1203.3(HS)
9-18
3.3
10000
3125
150
88
4700uF
KQWS-1205(HS)
9-18
5
8000
3663
150
91
4700uF
KQWS-1209(HS)
9-18
9
4444
3663
150
91
3300uF
KQWS-1212(HS)
9-18
12
3333
3703
150
90
1500uF
KQWS-1215(HS)
9-18
15
2667
3703
150
90
820uF
KQWS-2403.3(HS)
18-36
3.3
10000
1545
100
89
4700uF
KQWS-2405(HS)
18-36
5
8000
1785
100
93
4700uF
KQWS-2409(HS)
18-36
9
4444
1832
100
91
3300uF
KQWS-2412(HS)
18-36
12
3333
1832
100
91
1500uF
KQWS-2415(HS)
18-36
15
2667
1825
100
91
820uF
KQWS-4803.3(HS)
36-75
3.3
10000
764
40
90
4700uF
KQWS-4805(HS)
36-75
5
8000
906
40
92
4700uF
KQWS-4809(HS)
36-75
9
4444
916
40
91
3300uF
KQWS-4812(HS)
36-75
12
3333
920
40
91
1500uF
KQWS-4815(HS)
36-75
15
2667
920
40
91
820uF
Note: Other input to output voltages may be available. Please contact factory.
6 NOMINAL INPUT VOLTAGE.
7 NOMINAL INPUT VOLTAGE,FULL LOAD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com