Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQWS Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # KQWS
Description  40W WIDE INPUT RANGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

KQWS Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  KQWS Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DANUBE
http://www.danube.com.tw
1
2016/03/11
FEATURES
40W DIL PACKAGE
INDUSTRY STANDARD PACKAGE
9-18V,18-36V,36-75V,9-36V,18-75V WIDE
INPUT RANGE
100% BURNED IN
HIGH EFFICIENCY
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
+/-2% max. Input Voltage Range
2:1 or 4:1 Input Range
Over Voltage Protection
Built-in Input Filter
Pi Network
Temperature Coefficient
+/-0.03%/°C Protection
Fuse Recommended
Ripple & Noise(20MHz BW)
1
100mVp-p max. Start up time(Nominal input)
10ms max.
Line Regulation
2
+/-0.5% max. GENERAL SPECIFICATIONS
Load Regulation
3
+/-0.5% max. Efficiency
90% typ.
Minimum load
10% of Full Load Isolation Voltage
(Input / Output / case) 1500 VDC min.
Short Circuit Protection
Continuous Isolation Voltage
4
1500 VDC min.
Short Circuit Restart
Automatic Isolation Resistance
10
9
ohms min.
External Trim Adj. Range
+/-10% Isolation Capacitance
2500pF max.
Over Load Protection
150% typ. Switching Frequency
250KHz typ.
Transient Response
5
500uS max. Weight
50g typ.
Case Material
Six-Side Shielded Case
Case Size
50.8mm*50.8mm*11mm
Potting Material
Epoxy(UL94-V0)
ENVIRONMENTAL SPECIFICATIONS Conducted Emissions
EN55022 Class A
Operating Temperature
Radiated Emissions
EN55022 Class A
No Heat Sink
-40°C to +60°C
With Heat Sink
-40°C to +75°C
Case Temperature
+100°C max.
Storage Temperature
-55°C to +100°C
Humidity
95% max.
Cooling
Free-Air Convection
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD , AND 25 °C UNLESS OTHERWISE NOTED.
1 Measured with 1uF ceramic capacitor connect to the output pins.
2 High Line to Low Line.
3 Load Regulation is for output load current change from 10% to 100%.
4 For 10 seconds.
5 50% Step Load Change.
KQWS SERIES
40W WIDE INPUT RANGE


Similar Description - KQWS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA40 ARTESYN-BXA40 Datasheet
74Kb / 3P
40W Wide Input DC/DC Converters
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
logo
Toppower Electronic Tec...
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
40W Wide Input Voltage DC/DC Converters
logo
XP Power Limited
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
GAPTEC Electronic GmbH ...
40DAWE GAPTEC-40DAWE Datasheet
2Mb / 5P
40W - Single Output - Wide Input - Isolated & Regulated
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
30W WIDE INPUT RANGE
2016/08/24
LW-SERIES DIWELL-LW-SERIES Datasheet
190Kb / 9P
5W WIDE INPUT RANGE
2010/07/01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com