Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQWS Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # KQWS
Description  40W WIDE INPUT RANGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

KQWS Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  KQWS Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. KQWS Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DANUBE
http://www.danube.com.tw
3
2016/03/11
 SELECTION GUIDE(2)
4:1 33W~40W OUTPUT
MODEL NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
INPUT8
CURRENT(mA) EFF
(%)9
CAPACITOR
LOAD
(Max)
FULL
LOAD
NO
LOAD
KQWS-1203.3T(HS)
9-36
3.3
10000
3161
150
87
4700uF
KQWS-1205T(HS)
9-36
5
8000
3745
150
89
4700uF
KQWS-1209T(HS)
9-36
9
4444
3745
150
89
3300uF
KQWS-1212T(HS)
9-36
12
3333
3704
150
90
950uF
KQWS-1215T(HS)
9-36
15
2667
3704
150
90
820uF
KQWS-2403.3T(HS)
18-75
3.3
10000
1580
100
87
4700uF
KQWS-2405T(HS)
18-75
5
8000
1873
100
89
4700uF
KQWS-2409T(HS)
18-75
9
4444
1873
100
89
3300uF
KQWS-2412T(HS)
18-75
12
3333
1894
100
88
950uF
KQWS-2415T(HS)
18-75
15
2667
1852
100
90
820uF
Note: Other input to output voltages may be available. Please contact factory.
 PART NUMBERS STRUCTURE
Model Name
Difference
KQWv-x1x2T(HSJ)
KQ=Series Name
W=Wide Input Range
v=Type of output voltage (S=single output)
x1=Input voltage(9~18V;18~36V;36~75V;9~36V;18-75V)
x2=Output voltage(03.3;05;09;12;15 )
T= Input Range 4:1
HS=With Heat Sink
zzz= 0~9,A~Z or blank for market purpose.
J=Pin Length 3.5 mm
8 NOMINAL INPUT VOLTAGE.
9 NOMINAL INPUT VOLTAGE,FULL LOAD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com