Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCW Datasheet (PDF) - DIWELL Electronics Co., Ltd.

PCW Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # PCW
Download  PCW Download
File Size   801.5 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 5W WIDE INPUT RANGE

PCW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCW Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # PCW
Download  PCW Click to download

File Size   801.5 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 5W WIDE INPUT RANGE

PCW Datasheet (HTML) - DIWELL Electronics Co., Ltd.


PCW Product details

LEAD FREE
 1500VDC ISOLATION
 SINGLE IN LINE PACKAGE
 UP TO 5W REGULATED OUTPUT POWER
 NO EXTERNAL COMPONENTS REQUIRED
 INTERNAL FILTERING
 100% BURN IN
 HIGH EFFICIENCY
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 ROHS COMPLIANT
 3 YEARS WARRANTY




Similar Part No. - PCW

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCW NICHICON-PCW Datasheet
903Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Alpha Electronics Corp.
PCW0.05D10 ALPHAELECTRONICS-PCW0.05D10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCW0.05D2 ALPHAELECTRONICS-PCW0.05D2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCW0.05F10 ALPHAELECTRONICS-PCW0.05F10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCW0.05F2 ALPHAELECTRONICS-PCW0.05F2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
More results


Similar Description - PCW

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
MicroPower Direct, LLC
A500RU MPD-A500RU Datasheet
175Kb / 2P
Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
A500RW MPD-A500RW Datasheet
164Kb / 2P
Wide Input Range, 5W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
logo
Toppower Electronic Tec...
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
5W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
5W Wide Input Voltage DC/DC Converters
logo
XP Power Limited
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
GAPTEC Electronic GmbH ...
5TAW GAPTEC-5TAW Datasheet
679Kb / 4P
5W - Single Output - Wide Input - Isolated & Regulated
logo
DIWELL Electronics Co.,...
LW-SERIES DIWELL-LW-SERIES Datasheet
190Kb / 9P
5W WIDE INPUT RANGE
2010/07/01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com