Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCW Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # PCW
Description  5W WIDE INPUT RANGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PCW Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  PCW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DANUBE
http://www.danube.com.tw
2015/01/23
2
 SELECTION GUIDE
5W OUTPUT
MODEL NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
INPUT6
CURRENT(mA)
EFF
(%)7
ISOLATION8
(VDC)
PACKAGE
FULL
LOAD
NO
LOAD
PCWS-0505
4.5-9
5
800
1000
50
80
1500
H
PCWS-1203.3
9-18
3.3
1200
413
50
80
1500
H
PCWS-1205
9-18
5
1000
514
50
81
1500
H
PCWS-1212
9-18
12
417
491
50
85
1500
H
PCWS-1215
9-18
15
333
496
50
84
1500
H
PCWS-2403.3
18-36
3.3
1200
204
25
81
1500
H
PCWS-2405
18-36
5
1000
251
25
83
1500
H
PCWS-2412
18-36
12
417
245
25
85
1500
H
PCWS-2415
18-36
15
333
245
25
85
1500
H
PCWS-4803.3
36-75
3.3
1200
102
15
81
1500
H
PCWS-4805
36-75
5
1000
126
15
83
1500
H
PCWS-4812
36-75
12
417
123
15
85
1500
H
PCWS-4815
36-75
15
333
122
15
85
1500
H
6
NOMINAL INPUT VOLTAGE.
7 NOMINAL INPUT VOLTAGE, FULL LOAD.
8 1500VDC for 10 seconds.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com