Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCW Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # PCW
Description  5W WIDE INPUT RANGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PCW Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  PCW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DANUBE
http://www.danube.com.tw
2015/01/23
3
 MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
PACKAGE ”H”
PIN
SINGLE
1
-Vin
2
+Vin
3
Remote On/Off
5
NC
6
+Vout
7
-Vout
8
NC
NOTE : All Dimensions In mm(Inches)
1. Pin Size is 0.50x0.30mm[0.02x0.01”]
2. Pin is Tolerance .XX= ±0.05mm
3. Tolerance .X
or
.XX= ±0.5mm
Remote On/Off Control
Parameter
Min
Max
Supply On
Under 1 VDC or Open Circuit
Supply Off
4VDC
Standby Input Current
0.2mA
Control Input Current(On)
-0.4mA
Control Input Current(Off)
1mA
Control Common
Refernced to
-Vin (pin 1)
2.54mm
2
5 6 7
TOP VIEW
1
8
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com