Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCW Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # PCW
Description  5W WIDE INPUT RANGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PCW Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  PCW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DANUBE
http://www.danube.com.tw
2015/01/23
4
 SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
-Vin
+Vin
+Vout
-Vout
R EFE RE NC E
&
E RRO R AMP
I SO L A TIO N
PF M
CO NT ROL LE R
 TYPICAL APPLICATIONS
SINGLE OUTPUT
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
 TYPICAL PERFORMANCE CURVES
Specifications typical at TA=25 °C, nominal input voltage , rated output current unless otherwise specified.
OUTPUT LOAD VS EFFICIENCY
TEMPERATURE DERATING
0.0
20.0
40.0
60.0
80.0
100.0
0
20
40
60
80
100
OF RATED LOAD(%)
 INPUT FUSE SELECTION GUIDE
9-18V
INPUT VOLTAGE(VDC)
18-36V
INPUT VOLTAGE(VDC)
36-75V
INPUT VOLTAGE(VDC)
1000mA Slow-Blow Type
600mA Slow-Blow Type
300mA Slow-Blow Type
DC-DC
CONVERTER
+Vin
-Vin
+Vout
-Vout
OUTPUT
Fuse
INPUT
Note: Certain applications may require the installation of external fuse in front of the input.
SAFE
OPERATING
AREA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com