Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCW Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # PCW
Description  5W WIDE INPUT RANGE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PCW Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  PCW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PCW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DANUBE
http://www.danube.com.tw
2015/01/23
1
FEATURES
LEAD FREE
1500VDC ISOLATION
SINGLE IN LINE PACKAGE
UP TO 5W REGULATED OUTPUT POWER
NO EXTERNAL COMPONENTS REQUIRED
INTERNAL FILTERING
100% BURN IN
HIGH EFFICIENCY
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
ROHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Set-point Accuracy
+/-2% max. Input Voltage Range
2:1 Input Range
Temperature Coefficient
+/-0.05%/°C Input Filter
Capacitor Type
Ripple & Noise(20MHz BW)1
150mVp-p max. Protection
Fuse Recommended
Line Regulation2
+/-0.5% max. Start up Time(Nominal Input)
10mS max.
Load Regulation3
+/-0.5% max.
Output:3.3V
+/-1% max.
Minimum Load
20% of Full Load
Short Circuit Protection
Continuous
GENERAL SPECIFICATIONS
Short Circuit Restart
Automatic Efficiency
80% min.
Over Load Protection
150% typ. Isolation Voltage4
1500VDC min.
Capacitive Load
5V:1000uF max. Isolation Resistance
10
9
ohms min.
12V:470uF max. Isolation Capacitance
80pF max.
15V:330uF max. Switching Frequency
100 KHz min.
ENVIRONMENTAL SPECIFICATIONS
MTBF5
>900,000 Hours
Operating Temperature
-40°C to 60°C Weight
4.8g typ.
Case Temperature
+95°C max. Case Material
Non-Conductive Plastic
Storage Temperature
-55°C to +105°C Case Size
21.80mm*9.20mm*11.10mm
Humidity
95% max. Potting Material
Epoxy(UL94V-0)
Cooling
Free-Air Convection Radiated Emissions
EN55022 Class B
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD AND 25
OC UNLESS OTHERWISE NOTED.
1 Measured with 1uF ceramic capacitor connects to the output pins.
2 High Line to Low Line.
3 Load Regulation is for output load current change from 20% to 100%.
4 1500VDC for 10 seconds 3000VDC for 3 seconds.
5 MIL-HDBK-217F @25°C , Ground Benign.
PCW SERIES
5W WIDE INPUT RANGE


Similar Part No. - PCW

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCW NICHICON-PCW Datasheet
903Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Alpha Electronics Corp.
PCW0.05D10 ALPHAELECTRONICS-PCW0.05D10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCW0.05D2 ALPHAELECTRONICS-PCW0.05D2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCW0.05F10 ALPHAELECTRONICS-PCW0.05F10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCW0.05F2 ALPHAELECTRONICS-PCW0.05F2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
More results

Similar Description - PCW

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
MicroPower Direct, LLC
A500RU MPD-A500RU Datasheet
175Kb / 2P
Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
A500RW MPD-A500RW Datasheet
164Kb / 2P
Wide Input Range, 5W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
WRA-YD-5W MICRODC-WRA-YD-5W Datasheet
664Kb / 3P
5W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
logo
Toppower Electronic Tec...
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
5W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
5W Wide Input Voltage DC/DC Converters
logo
XP Power Limited
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
GAPTEC Electronic GmbH ...
5TAW GAPTEC-5TAW Datasheet
679Kb / 4P
5W - Single Output - Wide Input - Isolated & Regulated
logo
DIWELL Electronics Co.,...
LW-SERIES DIWELL-LW-SERIES Datasheet
190Kb / 9P
5W WIDE INPUT RANGE
2010/07/01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com