Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110 Datasheet(PDF) 13 Page - Exar Corporation

Part # XR79110
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XR79110_17 Datasheet HTML 9Page - Exar Corporation XR79110_17 Datasheet HTML 10Page - Exar Corporation XR79110_17 Datasheet HTML 11Page - Exar Corporation XR79110_17 Datasheet HTML 12Page - Exar Corporation XR79110_17 Datasheet HTML 13Page - Exar Corporation XR79110_17 Datasheet HTML 14Page - Exar Corporation XR79110_17 Datasheet HTML 15Page - Exar Corporation XR79110_17 Datasheet HTML 16Page - Exar Corporation XR79110_17 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
XR79110
13 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Programming the On-Time
The On-Time TON is programmed via resistor RON accord-
ing to following equation:
where TON is calculated from:
where:
f is the desired switching frequency at nominal IOUT
Eff is the Module efficiency corresponding to nominal IOUT
shown in figures 19, 21, 23
Substituting for TON in the first equation we get:
Over-Current Protection (OCP)
If load current exceeds the programmed over-current, IOCP,
for four consecutive switching cycles, then Module enters
hiccup mode of operation. In hiccup, the MOSFET gates
are turned off for 110ms (hiccup timeout). Following the hic-
cup timeout, a soft-start is attempted. If OCP persists, hic-
cup timeout will repeat. The Module will remain in hiccup
mode until load current is reduced below the programmed
IOCP . In order to program the over-current protection, use
the following equation:
Where:
RLIM is resistor value for programming IOCP
IOCP is the over-current threshold to be programmed
RDS is the MOSFET rated On Resistance (10mΩ)
8mV is the OCP comparator maximum offset
ILIM is the internal current that generates the necessary
OCP comparator threshold (use 45μA).
Note that ILIM has a positive temperature coefficient of
0.4%/°C (figure 9). This is meant to roughly match and
compensate for positive temperature coefficient of the syn-
chronous FET. Graph of typical IOCP versus RLIM is shown
in figure 7.
Short-Circuit Protection (SCP)
If the output voltage drops below 60% of its programmed
value, the Module will enter hiccup mode. Hiccup will per-
sist until short-circuit is removed. SCP circuit becomes
active after PGOOD asserts high.
Over-Temperature (OTP)
OTP triggers at a nominal die temperature of 150°C. The
gate of switching FET and synchronous FET are turned off.
When die temperature cools down to 135°C, soft-start is ini-
tiated and operation resumes.
Programming the Output Voltage
Use an external voltage divider as shown in the Application
Circuit to program the output voltage VOUT.
where R2 has a nominal value of 2kΩ.
Programming the Soft-start
Place a capacitor CSS between the SS and AGND pins to
program the soft-start. In order to program a soft-start time
of TSS, calculate the required capacitance CSS from the
following equation:
Feed-Forward Capacitor (CFF)
A feed-forward capacitor (CFF) may be necessary depend-
ing on the Equivalent Series Resistance (ESR) of COUT. If
R
ON
VIN
TON 25
9
–
10

–

2.7
10
–
10
------------------------------------------------------------
=
T
ON
VOUT
VIN fEff
-------------------------------
=
R
ON
VOUT
fEff
----------------


25
9
–
10
 V
IN

–
2.7
10
–
10
-------------------------------------------------------------------------
=
RLIM
IOCP
RDS
 8mV
+
ILIM
------------------------------------------------------
=
R1
R2
VOUT
0.6
-------------
1
–


=
CSS
TSS
10A
0.6V
--------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com