Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR79110
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR79110_17 Datasheet HTML 5Page - Exar Corporation XR79110_17 Datasheet HTML 6Page - Exar Corporation XR79110_17 Datasheet HTML 7Page - Exar Corporation XR79110_17 Datasheet HTML 8Page - Exar Corporation XR79110_17 Datasheet HTML 9Page - Exar Corporation XR79110_17 Datasheet HTML 10Page - Exar Corporation XR79110_17 Datasheet HTML 11Page - Exar Corporation XR79110_17 Datasheet HTML 12Page - Exar Corporation XR79110_17 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
XR79110
9 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Typical Performance Characteristics
Unless otherwise noted: VIN = 12V, VOUT=1.2V, IOUT=10A, f=500kHz, TA = 25°C. Schematic from the application information
section.
Figure 7: IOCP versus RLIM
Figure 8: VREF versus temperature
Figure 9: ILIM versus temperature
Figure 10: TON versus temperature, RON=16.2kΩ
Figure 11: Inductance versus Current
Figure 12: VOUT versus f, VIN=12V
0
2
4
6
8
10
12
14
16
1.6
1.8
2.0
2.2
2.4
2.6
2.8
RLIM (kΩ)
590
595
600
605
610
-40 -20 0
20 40 60 80 100 120
T
J (°C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
Current (A)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
400
450
500
550
600
frequency (kHz)
Peak-to-peak Inductor current ripple
6A
5A
4A
3A
6.5A
350
360
370
380
390
400
410
420
430
440
450
-40 -20 0
20 40 60 80 100 120
TJ (°C)
30
40
50
60
70
-40 -20 0
20 40 60 80 100 120
T
J (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com