Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR79110
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR79110_17 Datasheet HTML 2Page - Exar Corporation XR79110_17 Datasheet HTML 3Page - Exar Corporation XR79110_17 Datasheet HTML 4Page - Exar Corporation XR79110_17 Datasheet HTML 5Page - Exar Corporation XR79110_17 Datasheet HTML 6Page - Exar Corporation XR79110_17 Datasheet HTML 7Page - Exar Corporation XR79110_17 Datasheet HTML 8Page - Exar Corporation XR79110_17 Datasheet HTML 9Page - Exar Corporation XR79110_17 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
XR79110
6 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Pin Assignments
Type: A = Analog, I = Input, O = Output, I/O = Input/Output, PWR = Power, OD = Open-Drain
Pin No.
Pin Name
Type
Description
1
SS
A
Soft-start pin. Connect an external capacitor between SS and AGND to program the soft-start
rate based on the 10uA internal source current.
2
PGOOD
OD, O
Power-good output. This open-drain output is pulled low when VOUT is outside the regulation.
3
FB
A
Feedback input to feedback comparator. Connect with a set of resistors to VOUT and AGND in
order to program VOUT.
4, 5, 69, 70,
AGND Pad
AGND
A
Analog ground. Control circuitry of the IC is referenced to this pin.
6
VIN
PWR
IC supply input. Provides power to internal LDO.
7
VCC
PWR
The output of LDO. Bypass with a 4.7uF capacitor to AGND. For operation from a 5VIN rail,
VCC should be tied to VIN.
8
PGND
PWR
Controller low-side driver ground. Connect with a short trace to closest PGND pins or PGND
pad.
13-23, 51-
56, PGND
pads
PGND
PWR
Ground of the power stage. Should be connected to the system’s power ground plane.
9-12, 24-30,
SW Pad
SW
PWR
Switching node. It is internally connected. Use thermal vias and/or sufficient PCB land area in
order to heatsink the low-side FET and the inductor.
31-50,
VOUT Pad
VOUT
PWR
Output of the power stage. Place the output filter capacitors as close as possible to these pins.
58-65, PVIN
Pad
PVIN
PWR
Power stage input voltage. Place the input filter capacitors as close as possible to these pins.
66, 67, BST
Pad
BST
A
Controller high-side driver supply pin. It is internally connected to SW via a 0.1uF bootstrap
capacitor. Leave these pins floating.
68
ILIM
A
Over-current protection programming. Connect with a short trace to SW pins.
71
EN/MODE
I
Precision enable pin. Pulling this pin above 1.9V will turn the IC on and it will operate in Forced
CCM. If the voltage is raised above 3.0V, then the IC will operate in DCM or CCM depending
on load.
72
TON
A
Constant on-time programming pin. Connect with a resistor to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com