Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR79110 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR79110
Description  22V, 10A Synchronous Step Down COT Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79110 Datasheet(HTML) 4 Page - Exar Corporation

  XR79110_17 Datasheet HTML 1Page - Exar Corporation XR79110_17 Datasheet HTML 2Page - Exar Corporation XR79110_17 Datasheet HTML 3Page - Exar Corporation XR79110_17 Datasheet HTML 4Page - Exar Corporation XR79110_17 Datasheet HTML 5Page - Exar Corporation XR79110_17 Datasheet HTML 6Page - Exar Corporation XR79110_17 Datasheet HTML 7Page - Exar Corporation XR79110_17 Datasheet HTML 8Page - Exar Corporation XR79110_17 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
XR79110
4 / 19
exar.com/XR79110
Rev 2B
© 2015-2017 Exar Corporation
Note 1: Guaranteed by design
Current Limit Blanking
GL rising>1V
100
ns
Thermal Shutdown Threshold1
Rising temperature
150
°C
Thermal Hysteresis1
15
°C
VSCTH Feedback Pin Short-Circuit
Threshold
Percent of VREF, short circuit is active after
PGOOD is asserted
50
60
70
%
Output Power Stage
RDSON
High-Side MOSFET RDSON
IDS = 2A, VGS=4.5V
8.2
10
Low-Side MOSFET RDSON
7.8
10
IOUT
Maximum Output Current
10
A
L
Output Inductance
0.64
0.80
0.96
uH
CIN
Input Capacitance
1uF
COUT
Output Capacitance
2.2
uF
CBST
Bootstrap Capacitance
0.1
uF
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com